Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9175 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9175
Description  Dual, 11-Bit/16-Bit, 12.6 GSPS RF DAC with Wideband Channelizers
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9175 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9175 Datasheet HTML 9Page - Analog Devices AD9175 Datasheet HTML 10Page - Analog Devices AD9175 Datasheet HTML 11Page - Analog Devices AD9175 Datasheet HTML 12Page - Analog Devices AD9175 Datasheet HTML 13Page - Analog Devices AD9175 Datasheet HTML 14Page - Analog Devices AD9175 Datasheet HTML 15Page - Analog Devices AD9175 Datasheet HTML 16Page - Analog Devices AD9175 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 150 page
background image
Data Sheet
AD9175
Rev. A | Page 13 of 150
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
NOISE SPECTRAL DENSITY (NSD)
0 dBFS, NSD measurement taken at 10% away
from fOUT, shuffle on
Single Tone, fDAC = 12,000 MSPS
fOUT = 200 MHz
−163
dBc/Hz
fOUT = 500 MHz
−163
dBc/Hz
fOUT = 950 MHz
−162
dBc/Hz
fOUT = 1850 MHz
−160
dBc/Hz
fOUT = 2150 MHz
−158
dBc/Hz
Single Tone, fDAC = 6000 MSPS
fOUT = 200 MHz
−164
dBc/Hz
fOUT = 500 MHz
−163
dBc/Hz
fOUT = 950 MHz
−161
dBc/Hz
fOUT = 1850 MHz
−157
dBc/Hz
fOUT = 2150 MHz
−155
dBc/Hz
Single Tone, fDAC = 3000 MSPS
fOUT = 100 MHz
−163
dBc/Hz
fOUT = 500 MHz
−159
dBc/Hz
fOUT = 950 MHz
−155
dBc/Hz
SINGLE-SIDEBAND PHASE NOISE OFFSET
Loop filter component values according to
Figure 92 are as follows: C1 = 22 nF, R1 = 232 Ω,
C2 = 2.4 nF, C3 = 33 nF; PFD frequency =
500 MHz, fOUT = 1.8 GHz, fDAC = 12 GHz
1 kHz
−97
dBc/Hz
10 kHz
−105
dBc/Hz
100 kHz
−114
dBc/Hz
600 kHz
−126
dBc/Hz
1.2 MHz
−133
dBc/Hz
1.8 MHz
−137
dBc/Hz
6 MHz
−148
dBc/Hz
DAC TO DAC OUTPUT ISOLATION
Taken using the AD9175-FMC-EBZ evaluation
board
Dual Band—fDAC = 12000 MSPS, Mode 1 (L = 2, M = 4)
fOUT = 1840 MHz
−77
dB
fOUT = 2650 MHz
−70
dB
fOUT = 3700 MHz
−68
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com