Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADDI9036 Datasheet(PDF) 1 Page - Analog Devices

Part # ADDI9036
Description  CCD TOF Signal Processor with Programmable Timing and V-Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADDI9036 Datasheet(HTML) 1 Page - Analog Devices

  ADDI9036 Datasheet HTML 1Page - Analog Devices ADDI9036 Datasheet HTML 2Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CCD TOF Signal Processor with
Programmable Timing and V-Driver
Data Sheet
ADDI9036
Rev. Sp0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2018 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
12-bit, 45 MHz ADC
CDS with variable gain
0 dB to 36 dB, 10-bit VGA
Black level clamp with variable level control
Precision Timing core with 174 ps resolution
Integrated, 7-channel H-driver and RG clock drivers
7-channel LD driver
Integrated 16-channel V-driver
Complete on-chip ISA timing generator
I2C serial interface
MIPI CSI-2 transmit interface with support for 1 or 2 data lanes
On-chip driver for external crystal
8 GPOs
6 mm × 6 mm, 117-ball WLCSP package with 0.5 mm pitch
APPLICATIONS
TOF CCD cameras
GENERAL DESCRIPTION
The ADDI9036 is a complete, 45 MHz, front-end solution for
charge coupled device (CCD) time of flight (TOF) imaging
applications. The ADDI9036 includes an analog front end (AFE), a
programmable instruction set architecture (ISA) timing generator
(ISATG), a 7-channel laser diode (LD) driver, a 7-channel H-driver,
and a 16-channel vertical driver (V-driver). The Precision Timing®
core allows adjustment of the CCD horizontal clocks and LD
outputs with approximately 174 ps resolution at 45 MHz operation.
The AFE includes black level clamping, a correlated double
sampler (CDS), a variable gain amplifier (VGA), and a 12-bit
analog-to-digital converter (ADC). The AFE data is output
through the MIPI® CSI-2 transmit interface.
The internal registers can be programmed by an I2C serial
interface.
The ADDI9036 is packaged in a 6 mm × 6 mm, 117-ball
WLCSP and is specified over an operating temperature range
of −20°C to +85°C.
FUNCTIONAL BLOCK DIAGRAM
ADDI9036
CDS
VGA
CLAMP
12-BIT
ADC
CLI
HORIZONTAL
DRIVERS
ISATG
RG
H1 TO H5
INTERNAL
REGISTERS
CCDIN
12
HL
5
VERTICAL
DRIVERS
V1 TO V8 (3-LEVEL)
V9 TO V16 (2-LEVEL)
DATA0N
RST/SYNC
24
16
LD1 TO LD7
DATA0P
CLKP
CLKN
HCLK
MASKING
GPO1
TO GPO8
8
7
7
MIPI
Tx
INTERFACE
DATA1N
DATA1P
CLO
LINE MEMORY
DEPTH
PROCESSING
BLOCK
7
INTERNAL SIGNALS
VREF
REFT REFB
Precision
Timing
CORE
6
LD
MASKING
TAL1 TO TAL5
5
LD
ALIGNMENT
3V
LDO
3.4V IN
3V OUT
AUXIN
I2C_SDA
I2C_SCL
Figure 1.
For more information about the ADDI9036, contact Analog Devices, Inc., at afe.ccd@analog.com.


Similar Part No. - ADDI9036

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADDI9020 AD-ADDI9020 Datasheet
118Kb / 2P
60 MHz CCD Signal Processor with V-Driver and Precision Timing Generator
Rev. SpA
ADDI9020 AD-ADDI9020 Datasheet
75Kb / 2P
60 MHz CCD Signal Processor
ADDI9020 AD-ADDI9020_15 Datasheet
75Kb / 2P
60 MHz CCD Signal Processor
ADDI9023 AD-ADDI9023 Datasheet
189Kb / 12P
Vertical Driver for CCD Cameras
REV. 0
ADDI9023BBCZ AD-ADDI9023BBCZ Datasheet
189Kb / 12P
Vertical Driver for CCD Cameras
REV. 0
More results

Similar Description - ADDI9036

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9925 AD-AD9925 Datasheet
1Mb / 96P
CCD Signal Processor with Vertical Driver and Precision Timing Generator
10/04-Data Sheet Changed from Rev. 0 to Rev. A
AD9923A AD-AD9923A Datasheet
1Mb / 88P
CCD Signal Processor with V-Driver and Precision Timing??Generator
10/06-Revision 0
AD9920A AD-AD9920A Datasheet
73Kb / 2P
12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
Rev. Sp0
AD9990 AD-AD9990 Datasheet
74Kb / 2P
Dual Channel, 14-Bit CCD Signal Processor with V-Driver and Precision Timing
ADDI9020 AD-ADDI9020 Datasheet
118Kb / 2P
60 MHz CCD Signal Processor with V-Driver and Precision Timing Generator
Rev. SpA
AD9920ABBCZ AD-AD9920ABBCZ Datasheet
1Mb / 112P
12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
REV. B
AD9920A AD-AD9920A_15 Datasheet
1Mb / 112P
12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
REV. B
AD9923A AD-AD9923A_15 Datasheet
1Mb / 84P
CCD Signal Processor with V-Driver and Precision Timing Generator
REV. A
AD9925 AD-AD9925_15 Datasheet
1Mb / 96P
CCD Signal Processor with Vertical Driver and Precision Timing Generator
REV. A
AD9927 AD-AD9927_15 Datasheet
843Kb / 100P
14-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
REV. 0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com