Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF5902WCCPZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADF5902WCCPZ
Description  24 GHz, ISM Band, Multichannel FMCW Radar Transmitter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5902WCCPZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADF5902WCCPZ Datasheet HTML 9Page - Analog Devices ADF5902WCCPZ Datasheet HTML 10Page - Analog Devices ADF5902WCCPZ Datasheet HTML 11Page - Analog Devices ADF5902WCCPZ Datasheet HTML 12Page - Analog Devices ADF5902WCCPZ Datasheet HTML 13Page - Analog Devices ADF5902WCCPZ Datasheet HTML 14Page - Analog Devices ADF5902WCCPZ Datasheet HTML 15Page - Analog Devices ADF5902WCCPZ Datasheet HTML 16Page - Analog Devices ADF5902WCCPZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
Data Sheet
ADF5902
Rev. 0 | Page 13 of 39
REGISTER MAPS
1
DBR = DOUBLE BUFFERED REGISTER—BUFFERED BY THE WRITE TO REGISTER 5.
REGISTER 0 (R0)
REGISTER 1 (R1)
REGISTER 3 (R3)
REGISTER 4 (R4)
REGISTER 2 (R2)
REGISTER 5 (R5)
REGISTER 6 (R6)
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2
DB1
DB0
1
00
0
0
0
0
0
CONTROL
BITS
0
000
1
1
11
1
1
1
Tx2C Tx1C PVCO VCAL PADC PTx2 PTx1 PLO
C4(0) C3(0) C2(0) C1(0)
C5(0)
RESERVED
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2
DB1
DB0
11
1
1
11
1
1
CONTROL
BITS
1
1
1
1
0
1
1
1
1
1
1
C4(0) C3(0) C2(0) C1(1)
Tx AMP CAL REF CODE
C5(0)
TAR7 TAR6 TAR5 TAR4 TAR3 TAR2 TAR1 TAR0
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2
DB1
DB0
00
0
0
0
0
0
0
0
CONTROL
BITS
0
0
0
0
0
1
0
AS
AA0 AA0
AC7
AC6
AC5 AC4 AC3 AC2 AC1 AC0
C4(0) C3(0) C2(1) C1(0)
RESERVED
ADC CLOCK DIVIDER
ADC
AVERAGE
C5(0)
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2
DB1
DB0
0
0
0
0
0
0
0
1
1
0
0
0
1
0
0
1
M3
M2
M1
M0
IOL
RC5 RC4 RC3 RC2 RC1 RC0
C4(0) C3(0) C2(1) C1(1)
CONTROL
BITS
MUXOUT DBR1
RESERVED
C5(0)
READBACK CONTROL
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2
DB1
DB0
00
0
0
00
00
AB9
AB14 AB13 AB12 AB11 AB10
AB8
AB7
AB6
AB5 AB4 AB3 AB2 AB1 AB0
C4(0) C3(1) C2(0) C1(0)
CONTROL
BITS
RESERVED
00
0
0
RAMP STATUS/ANALOG TEST BUS
C5(0)
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2
DB1
DB0
00
N11
RON
N10
N9
N8
N7
N6
N5
N4
N3
N2
N1
N0
F24
F23
F22
F21
F20
F19
F18 F17 F16
F15
F14 F13
C4(0) C3(1) C2(0) C1(1)
CONTROL
BITS
RESERVED
FRAC MSB WORD
INTEGER WORD
C5(0)
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2
DB1
DB0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
F12
F11
F10
F9
F8
F7
F6
F5
F4
F3
F2
F1
F0
C4(0) C3(1) C2(1) C1(0)
CONTROL
BITS
FRAC LSB WORD
C5(0)
DBR1
RESERVED
RESERVED
Figure 21. Register Summary (Register 0 to Register 6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com