Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF5902WCCPZ Datasheet(PDF) 2 Page - Analog Devices

Part # ADF5902WCCPZ
Description  24 GHz, ISM Band, Multichannel FMCW Radar Transmitter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5902WCCPZ Datasheet(HTML) 2 Page - Analog Devices

  ADF5902WCCPZ Datasheet HTML 1Page - Analog Devices ADF5902WCCPZ Datasheet HTML 2Page - Analog Devices ADF5902WCCPZ Datasheet HTML 3Page - Analog Devices ADF5902WCCPZ Datasheet HTML 4Page - Analog Devices ADF5902WCCPZ Datasheet HTML 5Page - Analog Devices ADF5902WCCPZ Datasheet HTML 6Page - Analog Devices ADF5902WCCPZ Datasheet HTML 7Page - Analog Devices ADF5902WCCPZ Datasheet HTML 8Page - Analog Devices ADF5902WCCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
ADF5902
Data Sheet
Rev. 0 | Page 2 of 39
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
General Description ......................................................................... 1
 
Functional Block Diagram .............................................................. 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Timing Specifications .................................................................. 5
 
Absolute Maximum Ratings............................................................ 6
 
Thermal Resistance ...................................................................... 6
 
ESD Caution.................................................................................. 6
 
Pin Configuration and Function Descriptions............................. 7
 
Typical Performance Characteristics ............................................. 9
 
Theory of Operation ...................................................................... 11
 
Reference Input Section............................................................. 11
 
RF INT Divider........................................................................... 11
 
INT, FRAC, and R Relationship ............................................... 11
 
R Counter .................................................................................... 11
 
PFD and Charge Pump.............................................................. 11
 
Input Shift Register..................................................................... 11
 
Program Modes .......................................................................... 12
 
Register Maps .................................................................................. 13
 
Register 0 ..................................................................................... 16
 
Register 1 ..................................................................................... 17
 
Register 2 ..................................................................................... 18
 
Register 3 ..................................................................................... 19
 
Register 4 ..................................................................................... 20
 
Register 5 ..................................................................................... 21
 
Register 6 ..................................................................................... 22
 
Register 7 ..................................................................................... 23
 
Register 8 ..................................................................................... 24
 
Register 9 ..................................................................................... 24
 
Register 10 ................................................................................... 25
 
Register 11 ................................................................................... 25
 
Register 12 ................................................................................... 26
 
Register 13 ................................................................................... 27
 
Register 14 ................................................................................... 28
 
Register 15 ................................................................................... 29
 
Register 16 ................................................................................... 30
 
Register 17 ................................................................................... 30
 
Applications Information .............................................................. 31
 
Initialization Sequence .............................................................. 31
 
Recalibration Sequence ............................................................. 32
 
Temperature Sensor ................................................................... 33
 
RF Synthesis: a Worked Example ............................................. 33
 
Reference Doubler...................................................................... 33
 
Frequency Measurement Procedure........................................ 34
 
Waveform Generation ............................................................... 34
 
Waveform Deviations and Timing........................................... 34
 
Ramp and Modulation............................................................... 35
 
Application of the ADF5902 in FMCW Radar ...................... 37
 
Outline Dimensions ....................................................................... 39
 
Ordering Guide .......................................................................... 39
 
Automotive Products ................................................................. 39
 
REVISION HISTORY
1
2/2018—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com