Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF5902WCCPZ Datasheet(PDF) 25 Page - Analog Devices

Part # ADF5902WCCPZ
Description  24 GHz, ISM Band, Multichannel FMCW Radar Transmitter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5902WCCPZ Datasheet(HTML) 25 Page - Analog Devices

Back Button ADF5902WCCPZ Datasheet HTML 21Page - Analog Devices ADF5902WCCPZ Datasheet HTML 22Page - Analog Devices ADF5902WCCPZ Datasheet HTML 23Page - Analog Devices ADF5902WCCPZ Datasheet HTML 24Page - Analog Devices ADF5902WCCPZ Datasheet HTML 25Page - Analog Devices ADF5902WCCPZ Datasheet HTML 26Page - Analog Devices ADF5902WCCPZ Datasheet HTML 27Page - Analog Devices ADF5902WCCPZ Datasheet HTML 28Page - Analog Devices ADF5902WCCPZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
Data Sheet
ADF5902
Rev. 0 | Page 25 of 39
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2
DB1
DB0
0
0
0
11
1
01
0
0
1
1
0
0
1010
1
0
0
1
1
0
0
1
0
C4(1) C3(0) C2(1) C1(0)
CONTROL
BITS
RESERVED
C5(0)
Figure 35. Register 10 (R10 0x1D32A64A)
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2
DB1
DB0
0
0
00
00
0
0
0
0
00
0
0
0
0
0
0
0
0
SDR
0
SFT RM1 RM0
RAMP
MODE
0
CR
C4(1) C3(0) C2(1) C1(1)
CONTROL
BITS
RESERVED
C5(0)
CR
0
DISABLED
1
ENABLED
CNTR RESET
RM1
RAMP MODE
0
CONTINUOUS SAWTOOTH
1
RM0
0
1
SINGLE RAMP BURST
10
SINGLE SAWTOOTH BURST
01
CONTINUOUS TRIANGULAR
SFT SING FULL TRI
0DISABLED
1
ENABLED
SDR SD RESET
0
ENABLED
1DISABLED
Figure 36. Register 11 (R11)
REGISTER 10
The bits in Register 10 are reserved and must be programmed
as shown in Figure 35 using a hexadecimal word of 0x1D32A64A.
REGISTER 11
Control Bits
With Bits[C5:C1] set to 01011, Register R11 is programmed.
Figure 36 shows the input data format for programming this
register.
Reserved
Bits[DB31:DB12], Bit DB10, and Bit DB6 are reserved and must
be set as shown in Figure 36.
SD Reset
For most applications, set Bit DB11 to 0. When this bit is set to 0,
the Σ-Δ (SD) modulator is reset on each write to Register R5. If
it is not required that the SD modulator be reset on each write to
Register R5, set this bit to 1.
Single Full Triangle
When Bit DB9 is set to 1, the single full triangle function is
enabled. When Bit DB9 is set to 0, this function is disabled. To
use the single full triangle function, ramp mode (Register 11,
Bits DB[8:7]) must be set to 0b11, single sawtooth burst. For
more information, see the Ramp and Modulation section.
Ramp Mode
Bits[DB8:DB7] determine the type of generated waveform (see
Figure 36). For more information, see the Ramp and
Modulation section.
Counter Reset
Bit DB5 provides a counter reset bit for the counters. Setting
this bit to 1 performs a counter reset of the device counters.
Setting this bit to 0 returns the device to normal operation.
Bit DB5 is shown as CNTR RESET in Figure 36.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com