Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM186EM Datasheet(PDF) 48 Page - Advanced Micro Devices

Part # AM186EM
Description  High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186EM Datasheet(HTML) 48 Page - Advanced Micro Devices

Back Button AM186EM Datasheet HTML 44Page - Advanced Micro Devices AM186EM Datasheet HTML 45Page - Advanced Micro Devices AM186EM Datasheet HTML 46Page - Advanced Micro Devices AM186EM Datasheet HTML 47Page - Advanced Micro Devices AM186EM Datasheet HTML 48Page - Advanced Micro Devices AM186EM Datasheet HTML 49Page - Advanced Micro Devices AM186EM Datasheet HTML 50Page - Advanced Micro Devices AM186EM Datasheet HTML 51Page - Advanced Micro Devices AM186EM Datasheet HTML 52Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 98 page
background image
48
Am186/188EM and Am186/188EMLV Microcontrollers
PRELIMINA R Y
ASYNCHRONOUS SERIAL PORT
The Am186EM and Am188EM microcontrollers pro-
vide an asynchronous serial port. The asynchronous
serial port is a two-pin interface that permits full-duplex
bidirectional data transfer. The asynchronous serial
port supports the following features:
n Full-duplex operation
n 7-bit or 8-bit data transfers
n Odd, even, or no parity
n 1 or 2 stop bits
If additional RS-232 signals are required, they can be
created with available PIO pins. The asynchronous se-
rial port transmit and receive sections are double buff-
ered. Break character, framing, parity, and overrun
error detection are provided. Exception interrupt gener-
ation is programmable by the user.
The transmit/receive clock is based on the internal pro-
cessor clock, which is divided down internally to the se-
rial port operating frequency. The serial port permits 7-
bit and 8-bit data transfers. DMA transfers through the
serial port are not supported.
The serial port generates one interrupt for any of three
serial port events—transmit complete, data received,
and error.
The serial port can be used in power-save mode, but
the software must adjust the transfer rate to correctly
reflect the new internal operating frequency and must
ensure that the serial port does not receive any infor-
mation while the frequency is being changed.
SYNCHRONOUS SERIAL INTERFACE
The synchronous serial interface (SSI) lets the
Am186EM and Am188EM microcontrollers communi-
cate with application-specific integrated circuits
(ASICs) that require reprogrammability but are short on
pins. This four-pin interface permits half-duplex, bidi-
rectional data transfer at speeds of up to 20 Mbits/sec.
Unlike the asynchronous serial port, the SSI operates
in a master/slave configuration. The Am186EM and
Am188EM microcontrollers are the master port.
The SSI interface provides four pins for communicating
with system components: two enables (SDEN0 and
SDEN1), a clock (SCLK), and a data pin (SDATA). Five
registers are used to control and monitor the interface.
Four-Pin Interface
The two enable pins SDEN1–SDEN0 can be used di-
rectly as enables for up to two peripheral devices.
Transmit and receive operations are synchronized be-
tween the master (Am186EM and Am188EM micro-
controllers) and slave (peripheral) by means of the
SCLK output. SCLK is derived from the internal proces-
sor clock and is the processor clock divided by 2, 4, 8,
or 16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com