Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM186EM Datasheet(PDF) 63 Page - Advanced Micro Devices

Part # AM186EM
Description  High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186EM Datasheet(HTML) 63 Page - Advanced Micro Devices

Back Button AM186EM Datasheet HTML 59Page - Advanced Micro Devices AM186EM Datasheet HTML 60Page - Advanced Micro Devices AM186EM Datasheet HTML 61Page - Advanced Micro Devices AM186EM Datasheet HTML 62Page - Advanced Micro Devices AM186EM Datasheet HTML 63Page - Advanced Micro Devices AM186EM Datasheet HTML 64Page - Advanced Micro Devices AM186EM Datasheet HTML 65Page - Advanced Micro Devices AM186EM Datasheet HTML 66Page - Advanced Micro Devices AM186EM Datasheet HTML 67Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 98 page
background image
Am186/188EM and Am186/188EMLV Microcontrollers
63
P R E L IMINAR Y
SWITCHING CHARACTERISTICS over COMMERCIAL operating range
Read Cycle (20 MHz and 25 MHz)
Note:
All timing parameters are measured at 1.5 V with 50 pF loading on CLKOUTA unless otherwise noted. All output test conditions
are with CL = 50 pF. For switching tests, VIL = 0.45 V and VIH = 2.4 V, except at X1 where VIH = VCC – 0.5 V.
a
Equal loading on referenced pins.
b
This parameter applies to the DEN, INTA1–INTA0, WR, WHB, and WLB signals.
c
If either spec 2 or spec 59 is met with respect to data hold time, the part will function correctly.
Preliminary
Parameter
20 MHz
25 MHz
No.
Symbol
Description
Min
Max
Min
Max
Unit
General Timing Requirements
1
tDVCL
Data in Setup
10
10
ns
2
tCLDX
Data in Hold(c)
3
3
ns
General Timing Responses
3
tCHSV
Status Active Delay
0
25
0
20
ns
4
tCLSH
Status Inactive Delay
0
25
0
20
ns
5
tCLAV
AD Address Valid Delay and BHE
0
25
0
20
ns
6
tCLAX
Address Hold
0
25
0
20
ns
8
tCHDX
Status Hold Time
0
0
ns
9
tCHLH
ALE Active Delay
25
20
ns
10
tLHLL
ALE Width
tCLCL–10=40
tCLCL–10=
30
ns
11
tCHLL
ALE Inactive Delay
25
20
ns
12
tAVLL
AD Address Valid to ALE Low(a)
tCLCH –2
tCLCH –2
ns
13
tLLAX
AD Address Hold from ALE
Inactive(a)
tCHCL–2
tCHCL –2
ns
14
tAVCH
AD Address Valid to Clock High
0
0
ns
15
tCLAZ
AD Address Float Delay
tCLAX=0
25
tCLAX=0
20
ns
16
tCLCSV
MCS/PCS Active Delay
0
25
0
20
ns
17
tCXCSX
MCS/PCS Hold from Command
Inactive(a)
tCLCH–2
tCLCH–2
ns
18
tCHCSX MCS/PCS Inactive Delay
0
25
0
20
ns
19
tDXDL
DEN Inactive to DT/R Low(a)
0
0
ns
20
tCVCTV
Control Active Delay 1(b)
0
25
0
20
ns
21
tCVDEX
DEN Inactive Delay
0
25
0
20
ns
22
tCHCTV
Control Active Delay 2(b)
0
25
0
20
ns
23
tLHAV
ALE High to Address Valid
20
15
ns
Read Cycle Timing Responses
24
tAZRL
AD Address Float to RD Active
0
0
ns
25
tCLRL
RD Active Delay
0
25
0
20
ns
26
tRLRH
RD Pulse Width
2tCLCL–15=85
2tCLCL–15=
65
ns
27
tCLRH
RD Inactive Delay
0
25
0
20
ns
28
tRHLH
RD Inactive to ALE High(a)
tCLCH–3
tCLCH–3
ns
29
tRHAV
RD Inactive to AD Address
Active(a)
tCLCL–10=40
tCLCL–10=
30
ns
59
tRHDX
RD High to Data Hold on AD Bus(c)
0
0
ns
66
tAVRL
A Address Valid to RD Low(a)
2tCLCL–15=85
2tCLCL–15=
65
ns
67
tCHCSV CLKOUTA High to LCS/UCS Valid
0
25
0
20
ns
68
tCHAV
CLKOUTA High to A Address Valid
0
25
0
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com