Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM186EM Datasheet(PDF) 67 Page - Advanced Micro Devices

Part # AM186EM
Description  High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186EM Datasheet(HTML) 67 Page - Advanced Micro Devices

Back Button AM186EM Datasheet HTML 63Page - Advanced Micro Devices AM186EM Datasheet HTML 64Page - Advanced Micro Devices AM186EM Datasheet HTML 65Page - Advanced Micro Devices AM186EM Datasheet HTML 66Page - Advanced Micro Devices AM186EM Datasheet HTML 67Page - Advanced Micro Devices AM186EM Datasheet HTML 68Page - Advanced Micro Devices AM186EM Datasheet HTML 69Page - Advanced Micro Devices AM186EM Datasheet HTML 70Page - Advanced Micro Devices AM186EM Datasheet HTML 71Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 98 page
background image
Am186/188EM and Am186/188EMLV Microcontrollers
67
P R E L IMINAR Y
SWITCHING CHARACTERISTICS over COMMERCIAL operating range
Write Cycle (33 MHz and 40 MHz)
Notes:
All timing parameters are measured at 1.5 V with 50 pF loading on CLKOUTA unless otherwise noted. All output test conditions
are with CL = 50 pF. For switching tests, VIL = 0.45 V and VIH = 2.4 V, except at X1 where VIH = VCC – 0.5 V.
a
Equal loading on referenced pins.
b
This parameter applies to the DEN, INTA1–INTA0, WR, WHB, and WLB signals.
Preliminary
Parameter
33 MHz
40 MHz
No.
Symbol
Description
Min
Max
Min
Max
Unit
General Timing Responses
3
tCHSV
Status Active Delay
0
15
0
12
ns
4
tCLSH
Status Inactive Delay
0
15
0
12
ns
5
tCLAV
AD Address Valid Delay and BHE
0
15
0
12
ns
6
tCLAX
Address Hold
0
25
0
20
ns
7
tCLDV
Data Valid Delay
0
15
0
12
ns
8
tCHDX
Status Hold Time
0
0
ns
9
tCHLH
ALE Active Delay
15
12
ns
10
tLHLL
ALE Width
tCLCL–10=
20
tCLCL–5
=20
ns
11
tCHLL
ALE Inactive Delay
15
12
ns
12
tAVLL
AD Address Valid to ALE Low(a)
tCLCH
tCLCH
ns
13
tLLAX
AD Address Hold from ALE
Inactive(a)
tCHCL
tCHCL
ns
14
tAVCH
AD Address Valid to Clock High
0
0
ns
16
tCLCSV
MCS/PCS Active Delay
0
15
0
12
ns
17
tCXCSX
MCS/PCS Hold from Command
Inactive(a)
tCLCH
tCLCH
ns
18
tCHCSX MCS/PCS Inactive Delay
0
15
0
12
ns
19
tDXDL
DEN Inactive to DT/R Low(a)
0
0
ns
20
tCVCTV
Control Active Delay 1(b)
0
15
0
12
ns
22
tCHCTV
Control Active Delay 2
0
15
0
12
ns
23
tLHAV
ALE High to Address Valid
10
7.5
ns
Write Cycle Timing Responses
30
tCLDOX
Data Hold Time
0
0
ns
31
tCVCTX
Control Inactive Delay(b)
0
15
0
12
ns
32
tWLWH
WR Pulse Width
2tCLCL–10
=50
2tCLCL–10
=40
ns
33
tWHLH
WR Inactive to ALE High(a)
tCLCH–2
tCLCH–2
ns
34
tWHDX
Data Hold after WR(a)
tCLCL–10=
20
tCLCL–10=
15
ns
35
tWHDEX WR Inactive to DEN Inactive
(a)
tCLCH–5
tCLCH
ns
65
tAVWL
A Address Valid to WR Low
tCLCL+tCHCL
–3
tCLCL+tCHCL
–1.25
ns
67
tCHCSV CLKOUTA High to LCS/UCS Valid
0
15
0
10
ns
68
tCHAV
CLKOUTA High to A Address
Valid
0
15
0
10
ns
87
tAVBL
A Address Valid to WHB, WLB Low
tCHCL–3
15
tCHCL–1.25
12
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com