Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM188EM-33VC/W Datasheet(PDF) 21 Page - Advanced Micro Devices

Part # AM188EM-33VC/W
Description  High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM188EM-33VC/W Datasheet(HTML) 21 Page - Advanced Micro Devices

Back Button AM188EM-33VC/W Datasheet HTML 17Page - Advanced Micro Devices AM188EM-33VC/W Datasheet HTML 18Page - Advanced Micro Devices AM188EM-33VC/W Datasheet HTML 19Page - Advanced Micro Devices AM188EM-33VC/W Datasheet HTML 20Page - Advanced Micro Devices AM188EM-33VC/W Datasheet HTML 21Page - Advanced Micro Devices AM188EM-33VC/W Datasheet HTML 22Page - Advanced Micro Devices AM188EM-33VC/W Datasheet HTML 23Page - Advanced Micro Devices AM188EM-33VC/W Datasheet HTML 24Page - Advanced Micro Devices AM188EM-33VC/W Datasheet HTML 25Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 98 page
background image
Am186/188EM and Am186/188EMLV Microcontrollers
21
P R E L IMINAR Y
PQFP PIN ASSIGNMENTS—Am188EM Microcontroller
(Sorted by Pin Number)
Pin No. Name
Pin No. Name
Pin No. Name
Pin No. Name
1
SDEN1/PIO23
26
A13
51
MCS1/PIO15
76
DRQ1/PIO13
2
SDEN0/PIO22
27
A12
52
INT4/PIO30
77
DRQ0/PIO12
3
SCLK/PIO20
28
A11
53
INT3/INTA1/IRQ
78
AD0
4
RFSH2/ADEN
29
A10
54
INT2/INTA0/PIO31
79
AO8
5
WR
30
A9
55
INT1/SELECT
80
AD1
6
RD
31
A8
56
INT0
81
AO9
7
ALE
32
A7
57
UCS/ONCE1
82
AD2
8
ARDY
33
A6
58
LCS/ONCE0
83
AO10
9
S2
34
A5
59
PCS6/A2/PIO2
84
AD3
10
S1
35
A4
60
PCS5/A1/PIO3
85
AO11
11
S0
36
A3
61
VCC
86
AD4
12
GND
37
A2
62
PCS3/PIO19
87
AO12
13
X1
38
VCC
63
PCS2/PIO18
88
AD5
14
X2
39
A1
64
GND
89
GND
15
VCC
40
A0
65
PCS1/PIO17
90
AO13
16
CLKOUTA
41
GND
66
PCS0/PIO16
91
AD6
17
CLKOUTB
42
GND
67
VCC
92
VCC
18
GND
43
WB
68
MCS2/PIO24
93
AO14
19
A19/PIO9
44
HLDA
69
MCS3/RFSH/PIO25
94
AD7
20
A18/PIO8
45
HOLD
70
GND
95
AO15
21
VCC
46
SRDY/PIO6
71
RES
96
S6/CLKDIV2/PIO29
22
A17/PIO7
47
NMI
72
TMRIN1/PIO0
97
UZI/PIO26
23
A16
48
DT/R/PIO4
73
TMROUT1/PIO1
98
TXD/PIO27
24
A15
49
DEN/PIO5
74
TMROUT0/PIO10
99
RXD/PIO28
25
A14
50
MCS0/PIO14
75
TMRIN0/PIO11
100
SDATA/PIO21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com