Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM188EM-33VC/W Datasheet(PDF) 37 Page - Advanced Micro Devices

Part # AM188EM-33VC/W
Description  High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM188EM-33VC/W Datasheet(HTML) 37 Page - Advanced Micro Devices

Back Button AM188EM-33VC/W Datasheet HTML 33Page - Advanced Micro Devices AM188EM-33VC/W Datasheet HTML 34Page - Advanced Micro Devices AM188EM-33VC/W Datasheet HTML 35Page - Advanced Micro Devices AM188EM-33VC/W Datasheet HTML 36Page - Advanced Micro Devices AM188EM-33VC/W Datasheet HTML 37Page - Advanced Micro Devices AM188EM-33VC/W Datasheet HTML 38Page - Advanced Micro Devices AM188EM-33VC/W Datasheet HTML 39Page - Advanced Micro Devices AM188EM-33VC/W Datasheet HTML 40Page - Advanced Micro Devices AM188EM-33VC/W Datasheet HTML 41Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 98 page
background image
Am186/188EM and Am186/188EMLV Microcontrollers
37
P R E L IMINAR Y
Figure 6.
Am188EM Microcontroller—Read and Write with Address Bus Disable In Effect
BUS INTERFACE UNIT
The bus interface unit controls all accesses to external
peripherals and memory devices. External accesses
include those to memory devices, as well as those to
memory-mapped and I/O-mapped peripherals and the
pe r i pher al cont r o l bloc k. The Am186EM an d
Am188EM microcontrollers provide an enhanced bus
interface unit with the following features:
n A nonmultiplexed address bus
n Separate byte write enables for high and low bytes
in the Am186EM microcontroller only
n Pseudo Static RAM (PSRAM) support
The standard 80C186/188 multiplexed address and
data bus requires system interface logic and an exter-
nal address latch. On the Am186EM and Am188EM
microcontrollers, new byte write enables, PSRAM con-
trol logic, and a new nonmultiplexed address bus can
reduce design costs by eliminating this external logic.
Nonmultiplexed Address Bus
The nonmultiplexed address bus (A19–A0) is valid
one-half CLKOUTA cycle in advance of the address on
the AD bus. When used in conjunction with the modi-
fied UCS and LCS outputs and the byte write enable sig-
nals, the A19–A0 bus provides a seamless interface to
SRAM, PSRAM, and Flash/EPROM memory systems.
Byte Write Enables
The Am186EM microcontroller provides the WHB
(Write High Byte) and WLB (Write Low Byte) signals, which
act as byte write enables.
WHB is the logical OR of BHE and WR. WHB is Low
when BHE and WR are both Low. WLB is the logical
OR of AD0 and WR. WLB is Low when AD0 and WR
are both Low. WB is Low whenever a byte is written on
the Am188EM microcontroller.
The byte write enables are driven in conjunction with
the nonmultiplexed address bus as required for the
write timing requirements of common SRAMs.
CLKOUTA
t1
t2
t3
t4
AD7–AD0
(Read)
Data
Address
AO15–AO8
LCS, UCS
AD7–AD0
(Write)
Data
Address
Phase
Data
Phase
A19–A0
Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com