Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM188EM-33VC/W Datasheet(PDF) 39 Page - Advanced Micro Devices

Part # AM188EM-33VC/W
Description  High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM188EM-33VC/W Datasheet(HTML) 39 Page - Advanced Micro Devices

Back Button AM188EM-33VC/W Datasheet HTML 35Page - Advanced Micro Devices AM188EM-33VC/W Datasheet HTML 36Page - Advanced Micro Devices AM188EM-33VC/W Datasheet HTML 37Page - Advanced Micro Devices AM188EM-33VC/W Datasheet HTML 38Page - Advanced Micro Devices AM188EM-33VC/W Datasheet HTML 39Page - Advanced Micro Devices AM188EM-33VC/W Datasheet HTML 40Page - Advanced Micro Devices AM188EM-33VC/W Datasheet HTML 41Page - Advanced Micro Devices AM188EM-33VC/W Datasheet HTML 42Page - Advanced Micro Devices AM188EM-33VC/W Datasheet HTML 43Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 98 page
background image
Am186/188EM and Am186/188EMLV Microcontrollers
39
P R E L IMINAR Y
Figure 7.
Peripheral Control Block Register Map
PCS and MCS Auxiliary Register
A8
DA
Memory Partition Register
E0
PDCON Register
F0
Reset Configuration Register
F6
Peripheral Control Block Relocation Register
FE
Register Name
ww
ww
ww
ww
ww
F4
Offset
(Hexadecimal)
E2
E4
D8
D6
D4
D2
CA
C8
C6
C4
C2
C0
Clock Prescaler Register
Enable RCU Register
DMA 1 Control Register
DMA 1 Transfer Count Register
DMA 1 Destination Address Low Register
DMA 1 Source Address High Register
DMA 1 Source Address Low Register
DMA 0 Control Register
DMA 0 Transfer Count Register
DMA 0 Destination Address High Register
DMA 0 Destination Address Low Register
D0
DMA 0 Source Address Low Register
DMA 0 Source Address High Register
A6
A4
A2
A0
Midrange Memory Chip Select Register
Peripheral Chip Select Register
Low Memory Chip Select Register
Upper Memory Chip Select Register
80
Serial Port Status Register
82
84
Serial Port Receive Register
86
88
Processor Release Level Register
DMA 1 Destination Address High Register
Serial Port Baud Rate Divisor Register
Serial Port Transmit Register
Serial Port Control Register
Changed from 80C186
microcontroller.
Note: Gaps in offset addresses indicate
reserved registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com