Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT0507G-RTC Datasheet(PDF) 1 Page - Chengdu Xtaltq Technologies Co.,ltd

Part # BT0507G-RTC
Description  Temperature Compensated Crystal Oscillator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XTAITQ [Chengdu Xtaltq Technologies Co.,ltd]
Direct Link  http://www.xtaltq.com/
Logo XTAITQ - Chengdu Xtaltq Technologies Co.,ltd

BT0507G-RTC Datasheet(HTML) 1 Page - Chengdu Xtaltq Technologies Co.,ltd

  BT0507G-RTC Datasheet HTML 1Page - Chengdu Xtaltq Technologies Co.,ltd BT0507G-RTC Datasheet HTML 2Page - Chengdu Xtaltq Technologies Co.,ltd BT0507G-RTC Datasheet HTML 3Page - Chengdu Xtaltq Technologies Co.,ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BT0507G-RTC
Temperature Compensated Crystal Oscillator
● Low Current Consumption
● Gigabit Ethernet / SDH/SONET
● Wide Frequency Range
● Network Router/Switch
● Low Jitter
● Fibre Channel
● SMD Package (7×5mm)
● SAS, PCI Express Server
● Optical Transmission Equipment
Min.
Typ.
Max.
V
8
mA
12
mA
KHz
KHz
±1.0
±2.0
ppm
±0.5
±3.0
ppm
±1.0
±3.0
ppm
±1.0
±3.0
ppm
±1.5
±3.0
ppm
VOH
2.97
V
VOL
0.33
V
Duty Cycle
45
55
%
Rise/Fall Edge
10
ns
Load
10
pf
±0.3
±0.3
±1.0
±3
±5
ppm
10
%
1
Features
Applications
BT0507G-RTC Specifications
Parameter
Value
Unit
Conditions
Nominal Frequency
32.768
Supply Voltage
3.3
32.768KHz 3.3V
Frequency Range
20~ 52.7
50KHz 3.3V
Supply Current
Initial Frequency Tolerance
At shipment, nominal EFC, +25℃
Freq. Stability Vs. Temp.
0℃~+50℃
-10℃~+60℃
-30℃~+75℃
-40℃~+85℃
CMOS
CMOS Output, Load=15pf
CMOS Output, Load=15pf
( VOH - VOL)/2
CMOS Output, Load=15pf
Control Voltage Range
1.5 ±1.0V
Supply Sensitivity
ppm
Vcc±5%
Load Sensitivity
Load±10%
Aging/ First Year
Standard
Frequency Turning Range
Tuning Slope
Positive
Non-linearity
Input Impedance
CMOS
Environmental Conditions
Operating Temperature Range
-40℃~+85℃
Storage Temperature Range
-55℃ ~ +125℃
1/3
Release Date: Aug.30. 2016


Similar Part No. - BT0507G-RTC

ManufacturerPart #DatasheetDescription
logo
Chengdu Xtaltq Technolo...
BT0507G XTAITQ-BT0507G Datasheet
501Kb / 3P
Temperature Compensated Crystal Oscillator
BT0507GC2C106AA16.384 XTAITQ-BT0507GC2C106AA16.384 Datasheet
501Kb / 3P
Temperature Compensated Crystal Oscillator
BT0507GC2C106AN16.384 XTAITQ-BT0507GC2C106AN16.384 Datasheet
501Kb / 3P
Temperature Compensated Crystal Oscillator
BT0507GC2C106BA16.384 XTAITQ-BT0507GC2C106BA16.384 Datasheet
501Kb / 3P
Temperature Compensated Crystal Oscillator
BT0507GC2C106BN16.384 XTAITQ-BT0507GC2C106BN16.384 Datasheet
501Kb / 3P
Temperature Compensated Crystal Oscillator
More results

Similar Description - BT0507G-RTC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZC503 ETC1-ZC503 Datasheet
2Mb / 4P
TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
CSX-532T ETC1-CSX-532T Datasheet
110Kb / 1P
Temperature Compensated Crystal Oscillator
logo
Advanced XTAL Products
AXLE3225 AXTAL-AXLE3225 Datasheet
246Kb / 1P
Temperature Compensated Crystal Oscillator
AXLE7050 AXTAL-AXLE7050 Datasheet
265Kb / 1P
Temperature Compensated Crystal Oscillator
logo
Vectron International, ...
TX-400 VECTRON-TX-400_10 Datasheet
363Kb / 5P
Temperature Compensated Crystal Oscillator
TX-703 VECTRON-TX-703 Datasheet
250Kb / 5P
Temperature Compensated Crystal Oscillator
TX-550 VECTRON-TX-550 Datasheet
435Kb / 6P
Temperature Compensated Crystal Oscillator
VT-822 VECTRON-VT-822 Datasheet
204Kb / 5P
Temperature Compensated Crystal Oscillator
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
logo
Vanlong Technology Co.,...
TO520 VANLONG-TO520_13 Datasheet
45Kb / 1P
Temperature Compensated Crystal Oscillator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com