Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT0507G-RTC Datasheet(PDF) 3 Page - Chengdu Xtaltq Technologies Co.,ltd

Part # BT0507G-RTC
Description  Temperature Compensated Crystal Oscillator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XTAITQ [Chengdu Xtaltq Technologies Co.,ltd]
Direct Link  http://www.xtaltq.com/
Logo XTAITQ - Chengdu Xtaltq Technologies Co.,ltd

BT0507G-RTC Datasheet(HTML) 3 Page - Chengdu Xtaltq Technologies Co.,ltd

  BT0507G-RTC Datasheet HTML 1Page - Chengdu Xtaltq Technologies Co.,ltd BT0507G-RTC Datasheet HTML 2Page - Chengdu Xtaltq Technologies Co.,ltd BT0507G-RTC Datasheet HTML 3Page - Chengdu Xtaltq Technologies Co.,ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BT0507G-RTC
Temperature Compensated Crystal Oscillator
Disclaimer
Xtaltq Technologies Co., Limited reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Tape & Reel
Ordering Guide
Example
: BT0507GH3C287DN16.384
BT
Product:
TCXO
Outline:
7.0mm x 5.0mm
XX.XX K
X X
X
XXX
0507
Output:
H: CMOS
Frequency:
xx KHz
Temp. Range:
C: -20℃~+70℃
I: -40℃~+85℃
F: Customized
Tuning Range:
N:No Tuning
A: ±3/±5ppm
Temp. Stability:
306: ±3.0ppm
206: ±2.0ppm
106: ±1.0ppm
507: ±0.5ppm
Phase Noise:
A: -120dBc/Hz@1kHz
B: -125dBc/Hz@1kHz
C: -130dBc/Hz@1kHz
D: -135dBc/Hz@1kHz
X
Supply Voltage:
3: 3.3 Vdc
X
G
Package:
G: Package G
3/3
Release Date: Aug.30. 2016



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com