Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT0507G-RTC Datasheet(PDF) 2 Page - Chengdu Xtaltq Technologies Co.,ltd

Part # BT0507G-RTC
Description  Temperature Compensated Crystal Oscillator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XTAITQ [Chengdu Xtaltq Technologies Co.,ltd]
Direct Link  http://www.xtaltq.com/
Logo XTAITQ - Chengdu Xtaltq Technologies Co.,ltd

BT0507G-RTC Datasheet(HTML) 2 Page - Chengdu Xtaltq Technologies Co.,ltd

  BT0507G-RTC Datasheet HTML 1Page - Chengdu Xtaltq Technologies Co.,ltd BT0507G-RTC Datasheet HTML 2Page - Chengdu Xtaltq Technologies Co.,ltd BT0507G-RTC Datasheet HTML 3Page - Chengdu Xtaltq Technologies Co.,ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BT0507G-RTC
Temperature Compensated Crystal Oscillator
Symbol
Vdd
Vcon
EMC Test (ESD)
IEC61000, JESD22
Parameter
Rating
Outline Dimension & Pin Connections
Maximum Ratings
Mechanical Stress Test
IEC60068, GJB360B
Supply Voltage
-0.5V / 6V
Control Voltage
0V / 3V
ESD, HBM/CDM/MM
4KV/ 2KV/ 200V
Reliability
Parameter
Condition
Temperature Stress Test
IEC60068, GJB360B
RoHS
RoHS Directive 2011/65/EU Annex II Recasting 2002/95/EC
IR Reflow Profile
Solderability
EIA/JESD22-B102-C
Contact Pads
Gold over Nickel
2/3
Release Date: Aug.30. 2016



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com