Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC910L0YIP0F Datasheet(PDF) 7 Page - Sharp Corporation

Part # PC910L0YIP0F
Description  High Speed 10Mb/s, High CMR DIP 8 pin OPIC Photocoupler
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC910L0YIP0F Datasheet(HTML) 7 Page - Sharp Corporation

Back Button PC910L0YIP0F Datasheet HTML 3Page - Sharp Corporation PC910L0YIP0F Datasheet HTML 4Page - Sharp Corporation PC910L0YIP0F Datasheet HTML 5Page - Sharp Corporation PC910L0YIP0F Datasheet HTML 6Page - Sharp Corporation PC910L0YIP0F Datasheet HTML 7Page - Sharp Corporation PC910L0YIP0F Datasheet HTML 8Page - Sharp Corporation PC910L0YIP0F Datasheet HTML 9Page - Sharp Corporation PC910L0YIP0F Datasheet HTML 10Page - Sharp Corporation PC910L0YIP0F Datasheet HTML 11Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Sheet No.: D2-A05602EN
7
PC910L0NSZ0F Series
Fig.4 Forward Current vs. Ambient
Temperature
Fig.5 Collector Power Dissipation vs.
Ambient Temperature
Fig.8 Low Level Output Voltage vs. Ambient
Temperature
Fig.9 Input Threshold Current vs.
Ambient Temperature
Fig.6 Forward Current vs. Forward Voltage
Fig.7 High Level Output Current vs.
Ambient Temperature
Ambient temperature Ta (
°C)
0
5
10
15
20
25
−40
0
25
50
100
125
−25
75
85
70
Forward voltage VF (V)
1
1.2
1.4
1.6
1.8
2
1
10
100
0.1
Ta
=50˚C
Ta
=0˚C
Ta
=−20˚C
Ta
=−40˚C
Ta
=85˚C
Ta
=25˚C
Ambient temperature Ta (˚C)
−50
−25
0
25
50
100
75
0.01
0.1
1
10
100
0.001
IF
=250µA
VCC
=5.5V
VO
=5.5V
VE
=2.0V
4
5
6
0
VCC
=5V
VO
=0.8V
VE
=2.0V
RL
=350Ω
3
2
Ambient temperature Ta (˚C)
−50
−25
0
25
50
100
75
1
0.4
0.6
0.8
0
IF
=5.0mA
VCC
=5.5V
VE
=2.0V
0.2
IO
=16.0mA
IO
=12.8mA
IO
=9.6mA
IO
=6.4mA
Ambient temperature Ta (˚C)
−50
−25
0
25
50
100
75
Ambient temperature Ta (
°C)
0
20
40
60
80
85
100
−40
0
25
50
100
125
−25
75
85
70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com