Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC910L0YIP0F Datasheet(PDF) 2 Page - Sharp Corporation

Part # PC910L0YIP0F
Description  High Speed 10Mb/s, High CMR DIP 8 pin OPIC Photocoupler
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC910L0YIP0F Datasheet(HTML) 2 Page - Sharp Corporation

  PC910L0YIP0F Datasheet HTML 1Page - Sharp Corporation PC910L0YIP0F Datasheet HTML 2Page - Sharp Corporation PC910L0YIP0F Datasheet HTML 3Page - Sharp Corporation PC910L0YIP0F Datasheet HTML 4Page - Sharp Corporation PC910L0YIP0F Datasheet HTML 5Page - Sharp Corporation PC910L0YIP0F Datasheet HTML 6Page - Sharp Corporation PC910L0YIP0F Datasheet HTML 7Page - Sharp Corporation PC910L0YIP0F Datasheet HTML 8Page - Sharp Corporation PC910L0YIP0F Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
■ Internal Connection Diagram
2
Sheet No.: D2-A05602EN
■ Truth table
■ Outline Dimensions
(Unit : mm)
1. Through-Hole [ex. PC910L0NSZ0F]
2. Through-Hole (VDE option) [ex. PC910L0YSZ0F]
Product mass : approx. 0.55g
Plating material : SnCu (Cu : TYP. 2%)
Product mass : approx. 0.55g
PC910L0NSZ0F Series
Input
Enable
Output
HH
L
LH
H
HL
H
LL
H
L: Logic (0)
H: Logic (1)
1
2
3
4
8
7
6
5
1
2
3
4
5
6
7
8
NC
Anode
Cathode
NC
VE (Enable)
GND
VO (Open collector)
VCC
PC910L
Primary side
mark
SHARP
mark
"S"
2.54
±0.25
8
7
6
5
0.85
±0.2
1.2
±0.3
9.66
±0.5
0.5
±0.1
1
2
3
4
θ
θ
θ:0 to 13˚
7.62
±0.3
0.26
±0.1
Epoxy resin
Date code
PC910L
4
VDE Identification mark
2.54
±0.25
8
7
6
5
0.85
±0.2
1.2
±0.3
9.66
±0.5
0.5
±0.1
1
2
3
4
θ
θ
θ:0 to 13˚
7.62
±0.3
0.26
±0.1
Epoxy resin
Date code
Primary side
mark
SHARP
mark
"S"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com