Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC910L0YIP0F Datasheet(PDF) 4 Page - Sharp Corporation

Part # PC910L0YIP0F
Description  High Speed 10Mb/s, High CMR DIP 8 pin OPIC Photocoupler
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC910L0YIP0F Datasheet(HTML) 4 Page - Sharp Corporation

  PC910L0YIP0F Datasheet HTML 1Page - Sharp Corporation PC910L0YIP0F Datasheet HTML 2Page - Sharp Corporation PC910L0YIP0F Datasheet HTML 3Page - Sharp Corporation PC910L0YIP0F Datasheet HTML 4Page - Sharp Corporation PC910L0YIP0F Datasheet HTML 5Page - Sharp Corporation PC910L0YIP0F Datasheet HTML 6Page - Sharp Corporation PC910L0YIP0F Datasheet HTML 7Page - Sharp Corporation PC910L0YIP0F Datasheet HTML 8Page - Sharp Corporation PC910L0YIP0F Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Sheet No.: D2-A05602EN
■ Absolute Maximum Ratings
4
PC910L0NSZ0F Series
■ Electro-optical Characteristics*4
I F
20
mA
Reverse voltage
VR
5V
Power dissipation
P
40
mW
VCC
7V
VE
5.5
V
High level output voltage
VOH
7V
Low level output current
IOL
50
mA
Collector power dissipation
PC
85
mW
Operating temperature
Storage temperature
Viso (rms)
Topr
− 40 to +85
˚C
Tstg
−55 to +125
˚C
Tsol
270
˚C
Forward current
*1
Supply voltage
*2
Enable voltage
*3
Isolation voltage
Soldering temperature
5.0
kV
*1 Shall not exceed 500mV from supply voltage (VCC)
*2 40 to 60%RH, AC for 1minute, f
=60Hz
*3 For 10s
Parameter
Symbol
Rating
Unit
(Ta
=25°C)
Parameter
Symbol
Unit
Input
Forward voltage
VF
V
Reverse current
IR
µA
Terminal capacitance
Ct
Ta
=25˚C, V=0, f=1MHz
VCC
=VO=5.5V, VE=2.0V, IF=250µA
pF
mA
mA
Output
IOH
VOL
mA
mA
V
High level enable current
IEL
Low level enable current
ICCH
µA
IEH
Transfer
charac-
teristics
Isolation resistance
RISO
Ω
tPLH
tr
tf
∆tw
ns
tPHL
ns
Ta
=25˚C, IF=10mA
Ta
=25˚C, VR=5V
VCC
=5.5V, VE=2.0V, IF=0
MIN.
−
−
−
5
×10
10
25
25
−
−
MAX.
10
150
−1.6
−
−1.6
13
−
1.9
75
75
Conditions
"High
→Low" input threshold
current
CMH
CML
VCC
=5.5V, VE=2.0V,
IF
=5mA, IOL=13mA
VCC
=5.5V, VE=2.0V
VCC
=5.5V, VE=0.5V
VCC
=5.5V, VE=0.5V, IF=0
High level supply current
ICCL
IFHL
Low level supply current
VCC
=5.5V, VE=2.0V, IF=10mA
VCC
=5.5V, VE=0.5V, IF=10mA
Ta
=25˚C, DC500V, 40 to 60%RH
VCC
=5V,VE=2.0V,
VO
=0.8V, RL=350Ω
*4 It shall connect a by-pass capacitor of 0.01
µF or more between VCC (pin 8 ) and GND (pin 5 ) near the device, when it measures the transfer characteristics and the output side
characteristics
*5 Distortion of pulse width
∆tw= | tPHL−tPLH |
*5
TYP.
−
60
−
100
0.02
−
0.6
0.4
mA
−−
5
5.5
mA
−
10
−0.5
−0.7
5
1011
Floating capacitance
Cf
Ta
=25˚C, V=0, f=1MHz
Ta
=25˚C, IF=7.5mA,
VCC
=5V, RL=350Ω,
CL
=15pF,
Ta
=25˚C, IF=7.5mA, VCC=5V,
RL
=350Ω, CL=15pF, VEH=3V
VEL
=0.5V
Ta
=25˚C, IF=0, VCC=5V,
VCM
=1kV(P-P),
RL
=350Ω, VO (Min)=2V
Ta
=25˚C, IF=5mA, VCC=5V,
VCM
=1kV(P-P),
RL
=350Ω, VO (Max)=0.8V
1.6
−
−
mA
5
2.5
−
7
50
ns
−−
10
ns
−−
20
ns
−
35
−
ns
−−
15
ns
−−
10
kV/
µs
10
−
20
pF
−
5
0.6
48
kV/
µs
−10
−
−20
(unles otherwise specified Ta
=−40 to 85˚C)
High level output voltage
Low level output voltage
"High
→Low" propagation delay time
"High
→Low" enable
propagation delay time
"Low
→High" enable
propagation delay time
Instantaneous common mode
rejection voltage
(High level output)
Instantaneous common mode
rejection voltage
(Low level output)
"Low
→High" propagation delay time
Rise time
Fall time
Distortion of pulse width
tEHL
tELH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com