Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM8563 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM8563
Description  OA equipments such as Fax machines
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM8563 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM8563 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
• 3 •
Fig 2 Pin Layout
Fig 3 Device diode protection diagram
Table 3 gives the pins’ description.
Table 3: Pin description
Symbol
Pin
Description
OSCI
1
oscillator input
OSCO
2
oscillator output
INT
3
interrupt output (open-drain; active LOW)
VSS
4ground
SDA
5
serial Data I/O (open-drain)
SCL
6
serial Clock in
CLKOUT
7
clock output (open-drain)
VDD
8
positive power supply
HM8563 contains sixteen 8-bit registers with an auto-increasing address register,an
on-chip 32.768 kHz oscillator with an integrated capacitor, a frequency divider which provides
source clock for the Real-Time Clock (RTC), a programmable clock output, a timer, an alarm, a
voltage-low detector and a I2C-bus interface.
The 16 registers are mapped into a memory block, which is addressable, but not all bits
are implemented. The first two registers (memory address 00H and 01H) are used as control
and/or status registers. The memory addresses 02H through 08H are used as counters for the
clock function (seconds up to year counters). Address locations 09H through 0CH contain
alarm registers which define the conditions for an alarm. Address 0DH controls the frequency
of CLKOUT output. 0EH and 0FH are timer control, timer counter register, respectively.
The Seconds, Minutes, Hours, Days, Months, Years as well as the Minute alarm, Hour
alarm and Day alarm registers are all coded in BCD format. The Weekdays and Weekday
alarm register are not coded in BCD format.
When one of the RTC registers is read the contents of all counters are frozen. Therefore,
faulty reading of the clock/calendar during a carry condition is prevented.
HM8563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com