Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM8563 Datasheet(PDF) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM8563
Description  OA equipments such as Fax machines
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM8563 Datasheet(HTML) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM8563 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
• 2 •
Table 2 Quick reference data
Symol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage operating mode
I2C-bus inactive; Tamb =25 °
1.0
5.5
V
I2C-bus active; fSCL = 400 kHz;
Tamb = −30 to +85°C
1.8
5.5
V
IDD
supply crrent; timer and CLKOUT
disabled
fSCL = 200 kHz
800
µA
fSCL = 100 kHz
200
µA
fSCL =0Hz; Tamb=25 °C
VDD =5V
550
nA
VDD =2V
450
nA
Tamb
operating ambient temperature
-
−45
+85
°C
Tstg
storage temperature
-
−65
+150
°C
2 Functional Description
2.1 Summary
The device’s structure is shown in Fig 1.
Fig 1 Block diagram
HM8563’s pin layout and its protection network are shown in Fig 2 and Fig 3.
HM8563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com