Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM8563 Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM8563
Description  OA equipments such as Fax machines
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM8563 Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM8563 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
HM8563
• 1 •
1Chip Overview
HM8563 is a CMOS real-time clock/calendar chip optimized for low power consumption.
The timing counter consists of century, year, month, day, date, hour, minute and second bits.
External MPU can read or set the time as well as timer or alarmer when it is necessary. As
exchanging data by the advance serial bus I2C, lines number on PCB can be reduced
dramatically, which is very suitable in a complicated system.
The chip has the following features:
An external 32.768 kHz crystal is needed to generated time base
Wide operating supply voltage range: 1.0 to 5.5 V
Low back-up current; typical 0.25 µA at VDD =3.0 Vand Tamb =25 °C
400 kHz two-wire I2C-bus interface (at VDD = 1.8 to 5.5 V)
Programmable clock output for peripheral devices: 32.768 kHz, 1024 Hz 32 Hz
and1Hz
Alarm and timer functions
Voltage-low detector
Integrated oscillator capacitor
Internal power-on reset
I2C-bus slave address: read A3H; write A2H
Typical Applications:
Mobile telephones
Portable instruments
OA equipments such as Fax machines
Battery powered products
Table 1 shows our ordering information for
HM8563.
Table1 Ordering information
Typenumber
Name
Name
Description
Mark
HM8563S
SO8
plastic small outline package;8leads;body width 3.9mm 8563T YYWW
HM8563M
MSOP8 plastic small outline package;8leads;body width 3.0mm 8563S YYWW
YYWW: Date Code
Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com