Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0108PW Datasheet(PDF) 22 Page - Texas Instruments

Part # LSF0108PW
Description  LSF010x 1/2/8 Channel Auto-Bidirectional Multi-Voltage Level Translator for Open-Drain and Push-Pull Applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0108PW Datasheet(HTML) 22 Page - Texas Instruments

Back Button LSF0108PW Datasheet HTML 18Page - Texas Instruments LSF0108PW Datasheet HTML 19Page - Texas Instruments LSF0108PW Datasheet HTML 20Page - Texas Instruments LSF0108PW Datasheet HTML 21Page - Texas Instruments LSF0108PW Datasheet HTML 22Page - Texas Instruments LSF0108PW Datasheet HTML 23Page - Texas Instruments LSF0108PW Datasheet HTML 24Page - Texas Instruments LSF0108PW Datasheet HTML 25Page - Texas Instruments LSF0108PW Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
www.ti.com
PACKAGE OUTLINE
C
4X
0.25
0.17
4X
0.30
0.22
0.40 MAX
0.05
0.00
2X 0.6
0.25
TYP
+0.05
-0.03
0.4
B
1.05
0.95
A
0.85
0.75
(0.1) TYP
(0.1)
(0.08)
(0.027) TYP
X2SON - 0.4 mm max height
DTQ0006A
PLASTIC SMALL OUTLINE - NO LEAD
4224056/A 11/2017
PIN 1 INDEX AREA
SEATING PLANE
0.05 C
1
3
4
0.1
C A B
0.05
C
5
NOTE 5
(OPTIONAL)
PIN 1 ID
2
6
PKG
PKG
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pads must be soldered to the printed circuit board for optimal thermal and mechanical performance.
4. The size and shape of this feature may vary.
5. Features may not exist. Recommend use of pin 1 marking on top of package for orientation purposes.
SCALE 12.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com