Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0108PW Datasheet(PDF) 23 Page - Texas Instruments

Part # LSF0108PW
Description  LSF010x 1/2/8 Channel Auto-Bidirectional Multi-Voltage Level Translator for Open-Drain and Push-Pull Applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0108PW Datasheet(HTML) 23 Page - Texas Instruments

Back Button LSF0108PW Datasheet HTML 19Page - Texas Instruments LSF0108PW Datasheet HTML 20Page - Texas Instruments LSF0108PW Datasheet HTML 21Page - Texas Instruments LSF0108PW Datasheet HTML 22Page - Texas Instruments LSF0108PW Datasheet HTML 23Page - Texas Instruments LSF0108PW Datasheet HTML 24Page - Texas Instruments LSF0108PW Datasheet HTML 25Page - Texas Instruments LSF0108PW Datasheet HTML 26Page - Texas Instruments LSF0108PW Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
0.05 MIN
ALL AROUND
TYP
4X (0.25)
4X (0.4)
(0.25)
TYP
(R0.05) TYP
(0.6)
(0.8)
(0.4)
(0.2)
TYP
(0.027) TYP
(0.2) TYP
EXPOSED METAL
CLEARANCE
X2SON - 0.4 mm max height
DTQ0006A
PLASTIC SMALL OUTLINE - NO LEAD
4224056/A 11/2017
NOTES: (continued)
6. This package is designed to be soldered to a thermal pads on the board. For more information, see Texas Instruments literature
number SLUA271 (www.ti.com/lit/slua271).
7. Vias are optional depending on application, refer to device data sheet. If some or all are implemented, recommended via locations are shown.
SYMM
1
2
3
SYMM
4
5
LAND PATTERN EXAMPLE
SOLDER MASK DEFINED
SCALE:50X
6
METAL UNDER
SOLDER MASK
TYP
TYP
SOLDER MASK OPEING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com