Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0108PW Datasheet(PDF) 24 Page - Texas Instruments

Part # LSF0108PW
Description  LSF010x 1/2/8 Channel Auto-Bidirectional Multi-Voltage Level Translator for Open-Drain and Push-Pull Applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0108PW Datasheet(HTML) 24 Page - Texas Instruments

Back Button LSF0108PW Datasheet HTML 20Page - Texas Instruments LSF0108PW Datasheet HTML 21Page - Texas Instruments LSF0108PW Datasheet HTML 22Page - Texas Instruments LSF0108PW Datasheet HTML 23Page - Texas Instruments LSF0108PW Datasheet HTML 24Page - Texas Instruments LSF0108PW Datasheet HTML 25Page - Texas Instruments LSF0108PW Datasheet HTML 26Page - Texas Instruments LSF0108PW Datasheet HTML 27Page - Texas Instruments LSF0108PW Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
(0.21)
(0.8)
4X (0.6)
4X (0.4)
4X (0.25)
(R0.05) TYP
(0.367)
(0.279)
TYP
(0.2)
TYP
(0.2) TYP
(0.027) TYP
X2SON - 0.4 mm max height
DTQ0006A
PLASTIC SMALL OUTLINE - NO LEAD
4224056/A 11/2017
NOTES: (continued)
8. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
SOLDER PASTE EXAMPLE
BASED ON 0.07 mm THICK STENCIL
PRINTED SOLDER COVERAGE BY AREA UNDER PACKAGE
SCALE:50X
SYMM
1
3
4
SYMM
SOLDER MASK
EDGE, 2X
6
5
2
METAL UNDER
SOLDER MASK
TYP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com