Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

835-01201F Datasheet(PDF) 2 Page - E&E Magnetic Products Limited

Part # 835-01201F
Description  PXFM, ER2510, 1.0mH, TH, 10PIN
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EEMAGNETIC [E&E Magnetic Products Limited]
Direct Link  http://www.eemagnetic.com/
Logo EEMAGNETIC - E&E Magnetic Products Limited

835-01201F Datasheet(HTML) 2 Page - E&E Magnetic Products Limited

  835-01201F Datasheet HTML 1Page - E&E Magnetic Products Limited 835-01201F Datasheet HTML 2Page - E&E Magnetic Products Limited 835-01201F Datasheet HTML 3Page - E&E Magnetic Products Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
MECHANICAL OUTLINE
1. Dimensions are specified in
with higher precedence in mm.
2. Unless otherwise specified, all tolerance are
3. "(DATE)" includes at least the manufacturing date code(in YYWW format) .
4. Core material is PC40 or equivalent. Core gap is around 0.64mm.
±
.
inches
mm
.010
0.25
REFERENCE OR
GAUGE PLANE
5-01201
EE(DATE)
.728
18.50
1.063
27.00
.453
11.50
.138±.012
3.50±0.30
.551±.012
14.00±0.30
.551±.020
14.00±0.50
.024±.004
0.60±0.10
Max
Max
Max
DIA:
1
5
1
5
100109050
1
5
10
6
(Bottom view)
10
6
E & E Magnetic Products Ltd.
DRAWING NO./MODEL
SCALE
PAGE
OF
835-01201F
DO NOT SCALE
4
02
REV



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com