Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

835-01201F Datasheet(PDF) 3 Page - E&E Magnetic Products Limited

Part # 835-01201F
Description  PXFM, ER2510, 1.0mH, TH, 10PIN
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EEMAGNETIC [E&E Magnetic Products Limited]
Direct Link  http://www.eemagnetic.com/
Logo EEMAGNETIC - E&E Magnetic Products Limited

835-01201F Datasheet(HTML) 3 Page - E&E Magnetic Products Limited

  835-01201F Datasheet HTML 1Page - E&E Magnetic Products Limited 835-01201F Datasheet HTML 2Page - E&E Magnetic Products Limited 835-01201F Datasheet HTML 3Page - E&E Magnetic Products Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
5. Operating temperature range: -40°C to +125°C. The part temperature (ambient temperature +
temperature rise) should not exceed the upper limit of the operating temperature under worst
case operating conditions. Circuit design, component placement, PWB trace size and
thickness, airflow and other cooling provisions all affect the part temperature. Part temperature
should be verified in the end application.
ELECTRICAL SPECIFICATION @25 C:
°
PARAMETERS
Turns Ratio(1-2):(9-10)
Polarity
LIMITS
Per Schematic
1 : 0.225
%
± 2
1.0
10%
±
1%*Ls normal
and 30uH Max
500
UNIT
mH
uH
Vrms
-
-
SCHEMATIC
LL(1-2),short 9-10@100kHz,1Vrms
HIPOT(1-2):(9-10)@10mA,1 minute
Inductance,Ls(1-2)@1kHz,1Vrms
1
2
9
10
PRI
SEC
E & E Magnetic Products Ltd.
DRAWING NO./MODEL
SCALE
PAGE
OF
835-01201F
DO NOT SCALE
4
02
REV



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com