Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

835-01201F Datasheet(PDF) 1 Page - E&E Magnetic Products Limited

Part # 835-01201F
Description  PXFM, ER2510, 1.0mH, TH, 10PIN
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EEMAGNETIC [E&E Magnetic Products Limited]
Direct Link  http://www.eemagnetic.com/
Logo EEMAGNETIC - E&E Magnetic Products Limited

835-01201F Datasheet(HTML) 1 Page - E&E Magnetic Products Limited

  835-01201F Datasheet HTML 1Page - E&E Magnetic Products Limited 835-01201F Datasheet HTML 2Page - E&E Magnetic Products Limited 835-01201F Datasheet HTML 3Page - E&E Magnetic Products Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PXFM, ER2510, 1.0mH, TH, 10PIN
TITLE
Q.A.
APPROVED BY
PROJ. ENG
DRAWN BY
02/01/13
02/01/13
02/01/13
02/01/13
J. YANG
S.HONG
J.L.XIONG
D.LUO
APPROVALS
DATE
REVISIONS
FIRST RELEASE FOR RFQ#A2013-12965
DESCRIPTION
ECN NO.
DATE
N/A
01/28/13
01
REV.
1
UNLESS OTHERWISE
SPECIFIED, DIMENSIONS
ARE IN INCH/mm.
WARNING !
INCH
.XXX
.XX
± .005
.02
±
mm
.XX
.X
±
±
.13
.5
ANGLE
X.X
X.
±
±
0.3
1
TOLERANCE ARE:
ALL SHEETS OF THIS DOCUMENT ARE
CONTROLLED DOCUMENTATION AND
ARE NOT TO BE RELEASED OUTSIDE
OF E&E OR ITS SUB-CONTRACTORS
WITHOUT AUTHORIZATION.
PAGE 4 IS FOR INTERNAL USE ONLY
PART NUMBER
PART DESCRIPTION
RoHS compliant per EU Directive 2011/65/EU
835-01201F
ADD CORE INFORMATION PER CUSTOMER'S REQUIREMENT
EE14426
02/01/13
02
E & E Magnetic Products Ltd.
DRAWING NO./MODEL
SCALE
PAGE
OF
835-01201F
DO NOT SCALE
4
02
REV


Similar Part No. - 835-01201F

ManufacturerPart #DatasheetDescription
logo
E&E Magnetic Products L...
835-01202F EEMAGNETIC-835-01202F Datasheet
57Kb / 3P
PXFM, ER2510, 1.9mH, TH, 10PIN
835-01203F EEMAGNETIC-835-01203F Datasheet
57Kb / 3P
PXFM, ER2510, 0.7mH, TH, 10PIN
835-01204F EEMAGNETIC-835-01204F Datasheet
56Kb / 3P
PXFM, ER2510, 1.3mH, TH, 10PIN
835-01205F EEMAGNETIC-835-01205F Datasheet
110Kb / 4P
PXFM,FLYBACK,EFD15,10W,SMD,12PIN
835-01206F EEMAGNETIC-835-01206F Datasheet
235Kb / 4P
PXFM,PUSH,PULL,EFD25,60W,SMD,12 PIN
More results

Similar Description - 835-01201F

ManufacturerPart #DatasheetDescription
logo
E&E Magnetic Products L...
835-01064-1F EEMAGNETIC-835-01064-1F Datasheet
114Kb / 4P
PXFM, FORWARD, EP13, 30W, SMD, 10PIN
835-01202F EEMAGNETIC-835-01202F Datasheet
57Kb / 3P
PXFM, ER2510, 1.9mH, TH, 10PIN
835-01203F EEMAGNETIC-835-01203F Datasheet
57Kb / 3P
PXFM, ER2510, 0.7mH, TH, 10PIN
835-01204F EEMAGNETIC-835-01204F Datasheet
56Kb / 3P
PXFM, ER2510, 1.3mH, TH, 10PIN
835-01215F EEMAGNETIC-835-01215F Datasheet
51Kb / 3P
PXFM, FLYBACK, EF25, TH, 20VW, 10PIN
835-01268F EEMAGNETIC-835-01268F Datasheet
114Kb / 4P
PXFM, FLYBACK, EP13, 20W, SMD, 10PIN
835-01291F EEMAGNETIC-835-01291F Datasheet
50Kb / 3P
PXFM, FLYBACKY,ER2010,440u TH, 10PIN
835-01333F EEMAGNETIC-835-01333F Datasheet
109Kb / 4P
PXFM, EP13, 15UH, SMD, 10PIN
835-01334F EEMAGNETIC-835-01334F Datasheet
435Kb / 4P
PXFM, Flyback, EPC13, 1.0mH, TH, 5PIN
835-01355F EEMAGNETIC-835-01355F Datasheet
118Kb / 4P
PXFM, FLYBACK, EP13, 133UH, SMD, 10PIN
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com