Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

835-01351F Datasheet(PDF) 2 Page - E&E Magnetic Products Limited

Part # 835-01351F
Description  PXFM, EP13, TH, 9 PIN, 278473
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EEMAGNETIC [E&E Magnetic Products Limited]
Direct Link  http://www.eemagnetic.com/
Logo EEMAGNETIC - E&E Magnetic Products Limited

835-01351F Datasheet(HTML) 2 Page - E&E Magnetic Products Limited

  835-01351F Datasheet HTML 1Page - E&E Magnetic Products Limited 835-01351F Datasheet HTML 2Page - E&E Magnetic Products Limited 835-01351F Datasheet HTML 3Page - E&E Magnetic Products Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
MECHANICAL OUTLINE
.100
2.54
.400
10.16
.400
10.16
REFERENCE OR
GAUGE PLANE
.546
13.87
.110
2.79
MAX
MIN
.630
16.00
MAX
10
5
9
4
8
3
7
2
6
1
.630
16.00
MAX
Transformer code:
- for 835-01351-1F, ²xxxx²=143A
- for 835-01351-2F, ²xxxx²=143E
(DATE)
EE 835-01351
XXXX
278473
inches
mm
.010
0.25
1. Dimensions are specified in
with higher precedence in inches.
2. Unless otherwise specified, all tolerances are ±
3. "(DATE)" includes at least the manufacturing date code(in YYWW format) plus two manufacturing
site code.
4. Pin 3 is removed in the design for mechanical polarization.
5. Ground tags of the metal clamp must be removed.
.
.026±.003x.018±.003
0.66± .08x0.45± .08
0
0
DRAWING NO./MODEL
SCALE
PAGE
OF
835-01351F
DO NOT SCALE
4
04
REV
E & E Magnetic Products Ltd.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com