Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

835-01351F Datasheet(PDF) 3 Page - E&E Magnetic Products Limited

Part # 835-01351F
Description  PXFM, EP13, TH, 9 PIN, 278473
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EEMAGNETIC [E&E Magnetic Products Limited]
Direct Link  http://www.eemagnetic.com/
Logo EEMAGNETIC - E&E Magnetic Products Limited

835-01351F Datasheet(HTML) 3 Page - E&E Magnetic Products Limited

  835-01351F Datasheet HTML 1Page - E&E Magnetic Products Limited 835-01351F Datasheet HTML 2Page - E&E Magnetic Products Limited 835-01351F Datasheet HTML 3Page - E&E Magnetic Products Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
ELECTRICAL SPECIFICATION @23 C:
°
List of Specified Materials
PARAMETERS
Material
UNIT
Manufacturer
LIMITS
Manufacturer 's P/N
Remark
Turns Ratio(1-2):(4-5):(6-7):(9-10)
Ferrite Core
Yoke+Clamp
Insulation Tape
Coil Former
TDK
Epcos
3M
Norwe
Samwha
B65843-A-R87
B65844-A2000
#56
90581-087
Ground tag shall be removed
AL=1600nH +30/-20%, Marking: 143A(for 835-01351-1F)
AL=1600nH +25/-25%, Marking: 143E(for 835-01351-2F)
PL-7 EP13
Polarity
mH
W
W
0.3 Typ
0.3 Typ
Per Schematic
1:1:1.348:1.348 ± %
1
1.23 - 2.00
Ls(6-7)@1kHz, 1.0Vpp, for 143A only(835-01351-1F)
DCR(4-5)
DCR(1-2)
5.0 Max
mA
-
-
W
W
0.4 Typ
0.4 Typ
DCR(6-7)
DCR(9-10)
7
7
7
7
1
6
W3
W1
W4
W2
7
9
4
2
5
10
SCHEMATIC
mH
1.15 - 1.92
Ls(6-7)@1kHz, 1.0Vpp, for 143E only(835-01351-2F)
7
6. Operating temperature : 0°
to +70°
CC.
7. These tests are 100% tests.
Varnish
Dolph
BC-359
Hipot(1-2-4-5):(6-7-9-10), 1800Vrms, 2 seconds,48-62Hz
DRAWING NO./MODEL
SCALE
PAGE
OF
835-01351F
DO NOT SCALE
4
04
REV
E & E Magnetic Products Ltd.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com