Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

835-01351F Datasheet(PDF) 1 Page - E&E Magnetic Products Limited

Part # 835-01351F
Description  PXFM, EP13, TH, 9 PIN, 278473
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EEMAGNETIC [E&E Magnetic Products Limited]
Direct Link  http://www.eemagnetic.com/
Logo EEMAGNETIC - E&E Magnetic Products Limited

835-01351F Datasheet(HTML) 1 Page - E&E Magnetic Products Limited

  835-01351F Datasheet HTML 1Page - E&E Magnetic Products Limited 835-01351F Datasheet HTML 2Page - E&E Magnetic Products Limited 835-01351F Datasheet HTML 3Page - E&E Magnetic Products Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PXFM, EP13, TH, 9 PIN, 278473
TITLE
APPROVALS
DATE
REVISIONS
DESCRIPTION
ECN NO.
DATE
REV.
1
UNLESS OTHERWISE
SPECIFIED, DIMENSIONS
ARE IN INCH/mm.
WARNING !
ALL SHEETS OF THIS DOCUMENT ARE
CONTROLLED DOCUMENTATION AND
ARE NOT TO BE RELEASED OUTSIDE
OF E&E OR ITS SUB-CONTRACTORS
WITHOUT AUTHORIZATION.
SAFETY CRITICAL
Important Note:
No substitution of material is authorized without customer approval.
PAGE 4 IS FOR INTERNAL USE
01
PART NUMBER
PART DESCRIPTION
RoHS compliant per EU Directive 2011/65/EU
835-01351F
Q.A.
APPROVED BY
PROJ. ENG
DRAWN BY
INCH
.XXX±.
.XX±
005
.02
mm
.XX±
.X±
.13
.5
ANGLE
X.X±°
X.±°
0.3
1
TOLERANCE ARE:
J. YANG
S. HONG
S.HONG
D. LUO
07/13/15
07/13/15
07/13/15
07/13/15
FIRST RELEASE FOR RFQ#A2015-13867
N/A
05/05/15
02
EE16590
05/26/15
CORRECT TYPO ERROR IN MARKING
03
EE16649
06/24/15
CORRECT TEST PIN TO 6-7 FROM 1-2, AND UPDATE INTERNAL PAGE
04
EE16698
07/13/15
CHANGE THE HIPOT DESCRIPTION AS PER CUSTOMER ADVICE
DRAWING NO./MODEL
SCALE
PAGE
OF
835-01351F
DO NOT SCALE
4
04
REV
E & E Magnetic Products Ltd.


Similar Part No. - 835-01351F

ManufacturerPart #DatasheetDescription
logo
E&E Magnetic Products L...
835-01352F EEMAGNETIC-835-01352F Datasheet
59Kb / 3P
PXFM, EE16, TH, 4 PIN, 278474
835-01353F EEMAGNETIC-835-01353F Datasheet
61Kb / 3P
PXFM, EP13, TH, 9 PIN, 278475
835-01355F EEMAGNETIC-835-01355F Datasheet
118Kb / 4P
PXFM, FLYBACK, EP13, 133UH, SMD, 10PIN
More results

Similar Description - 835-01351F

ManufacturerPart #DatasheetDescription
logo
E&E Magnetic Products L...
835-00960F EEMAGNETIC-835-00960F Datasheet
49Kb / 3P
PXFM, FLYBACK, EP13, 13W, SMT, 10 PIN
835-01201F EEMAGNETIC-835-01201F Datasheet
57Kb / 3P
PXFM, ER2510, 1.0mH, TH, 10PIN
835-01202F EEMAGNETIC-835-01202F Datasheet
57Kb / 3P
PXFM, ER2510, 1.9mH, TH, 10PIN
835-01204F EEMAGNETIC-835-01204F Datasheet
56Kb / 3P
PXFM, ER2510, 1.3mH, TH, 10PIN
835-01313F EEMAGNETIC-835-01313F Datasheet
417Kb / 3P
PXFM, EE16, TH, 4 PIN, 270704
835-01352F EEMAGNETIC-835-01352F Datasheet
59Kb / 3P
PXFM, EE16, TH, 4 PIN, 278474
835-01353F EEMAGNETIC-835-01353F Datasheet
61Kb / 3P
PXFM, EP13, TH, 9 PIN, 278475
835-01355F EEMAGNETIC-835-01355F Datasheet
118Kb / 4P
PXFM, FLYBACK, EP13, 133UH, SMD, 10PIN
835-01370F EEMAGNETIC-835-01370F Datasheet
121Kb / 4P
PXFM, FLYBACK, EP13, 41uH, 36W, SMD, 10 PIN
835-01376F EEMAGNETIC-835-01376F Datasheet
472Kb / 4P
PXFM, EP13, 3mH, SMD, 10 PIN
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com