Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV331 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # LMV331
Description  Low Voltage Comparator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

LMV331 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  LMV331 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd LMV331 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd LMV331 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd LMV331 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd LMV331 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd LMV331 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation.
Recommended operating conditions are specified to ensure optimal performance to the datasheet specifications. It
is not recommended exceeding them or designing toAbsolute Maximum Ratings.
Symbol
Parameter
Condition
Min.
Typ
Max.
Unit
VDDto VSS
Power Supply
5.5
V
VDD
Power Supply
VSS=0V
1.5
5.5
V
VIN
InputVoltage
VSS
VDD
V
IOH/IOL Output Sink/Source Current
VDD=3.0V
15
mA
VDD=1.8V
8
VDD=1.5V
5
TA
Operating Temperature, Free
Air
-40
+85
°C
Electrical Characteristics
Symbol
Parameter
Condition
Min. Typ. Max. Unit
VDD=3.0V,VSS=GND, andTA=+25°C
VHYS
Input Hysteresis
VCM=0.5VDD
4
mV
VIO
Input OffsetVoltage(2)
VCM=0.5VDD
-6
±1
+6
mV
IIO
Input Offset Current
10
pA
II
Input Bias Current
10
pA
VCM
Common Mode InputVoltage
VSS
VDD
V
CMRR Common Mode Rejection Ratio(3)
VCM=VDD
68
dB
IDD
Supply Current
7
17
μA
PSRR
Power Supply Rejection Ratio(3)
ΔVDD=0.5V
45
80
dB
VOL
Low-Level OutputVoltage
ISINK=5.0mA
0.15
0.4
V
VOH
High-Level OutputVoltage
ISOURCE=5.0mA
2.6
2.85
V
tPLH
Propagation Delay (Turn-On)
Overdrive=100mV,
CL=15pF
0.60
μs
tPHL
Propagation Delay (Turn-On)
Overdrive=100mV,
CL=15pF
1
μs
tTLH
ResponseTime, Output Rise/Fall(4)
CL=50pF
30
ns
tTHL
24
Symbol
Parameter
Condition
Min. Typ. Max. Unit
VDD=1.8V,VSS=GND, and TA=+25°C
VHYS
Input Hysteresis
VCM=0.5VDD
4
mV
VIO
Input OffsetVoltage(2)
VCM=0.5VDD
-6
±1
+6
mV
IIO
Input Offset Current
10
pA
II
Input Bias Current
10
pA
LMV331



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com