Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV331 Datasheet(PDF) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # LMV331
Description  Low Voltage Comparator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

LMV331 Datasheet(HTML) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  LMV331 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd LMV331 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd LMV331 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd LMV331 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd LMV331 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd LMV331 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Functional Description
Inputs
IN(-) > IN(+)
IN(+) > IN(-)
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions
reliability.The absolute maximum ratings are stress ratings only.
Symbol
Parameter
VDD to VSS
SupplyVoltage
DVIN
Differential InputVoltage
VIN
InputVoltage
TJ
Junction Temperature
TSTG
Storage Temperature Range
PD
Power Dissipation
Note:The maximum total power dissipation must not be exceeded.
Outputs
Output LOW
Output HIGH
Figure 3. VIN vs. VOUT
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions
The absolute maximum ratings are stress ratings only.
Parameter
Min.
Max.
SupplyVoltage
Differential InputVoltage
InputVoltage
VSS
Junction Temperature
-40
Storage Temperature Range
-55
+1
Power Dissipation
The maximum total power dissipation must not be exceeded.
Outputs
Output LOW
Output HIGH
damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device
Max.
Unit
8.0
V
±8
SS
to VDD
V
+85
°C
+125
°C
220
mW
LMV331



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com