Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV331 Datasheet(PDF) 5 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # LMV331
Description  Low Voltage Comparator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

LMV331 Datasheet(HTML) 5 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  LMV331 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd LMV331 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd LMV331 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd LMV331 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd LMV331 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd LMV331 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
VCM
Common Mode InputVoltage
VSS
VDD
V
CMRR Common Mode Rejection Ratio(3)
VCM=VDD
60
dB
IDD
Supply Current(x) Per Comparator
6
15
μA
PSRR
Power Supply Rejection Ratio(3)
ΔVDD=0.5V
45
70
dB
VOL
Low-Level OutputVoltage
ISINK=3.0mA
0.15
0.4
V
VOH
High-Level OutputVoltage
ISOURCE=3.0mA
1.4
1.65
V
tPLH
Propagation Delay (Turn-On)
Overdrive=20mV,
CL=15pF
0.59
μs
tPHL
Propagation Delay (Turn-On)
Overdrive=20mV,
CL=15pF
1
μs
tTLH
Response Time, Output Rise/Fall(4)
CL=50pF
26
ns
33
Symbol
Parameter
Condition
Min. Typ. Max. Unit
VDD=1.5V,VSS=GND, and TA=+25°C
VHYS
Input Hysteresis
VCM=0.5VDD
3.5
mV
VIO
Input OffsetVoltage(2)
VCM=0.5VDD
-6
±1
+6
mV
IIO
Input Offset Current
10
pA
II
Input Bias Current
10
pA
VCM
Common Mode InputVoltage
VSS
VDD
V
CMRR Common Mode Rejection Ratio(3)
VCM=VDD
56
dB
IDD
Supply Current(x) Per Comparator
5
13
μA
PSRR
Power Supply Rejection Ratio(3)
ΔVDD=0.5V
45
70
dB
VOL
Low-Level OutputVoltage
ISINK=1.5mA
0.15
0.4
V
VOH
High-Level OutputVoltage
ISOURCE=1.5mA
1.1
1.35
V
tPLH
Propagation Delay (Turn-On)
Overdrive=20mV,
CL=15pF
0.6
μs
tPHL
Propagation Delay (Turn-On)
Overdrive=20mV,
CL=15pF
1
μs
tTLH
ResponseTime, Output Rise/Fall(4)
CL=50pF
30
ns
tTHL
42
Notes:
2. Differential input switching level is guaranteed at the minimum or maximum offset voltage, minus or plus half
the maximum hysteresis voltage.
3. Guaranteed by design and characterization data.
4. Input signal: 1kHz, square-wave signal with 10ns edge rate.
LMV331



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com