Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4975EIJT Datasheet(PDF) 19 Page - STMicroelectronics

Part # TS4975EIJT
Description  Stereo Headphone Drive Amplifier with Digital Volume Control via IC Bus
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4975EIJT Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TS4975EIJT Datasheet HTML 15Page - STMicroelectronics TS4975EIJT Datasheet HTML 16Page - STMicroelectronics TS4975EIJT Datasheet HTML 17Page - STMicroelectronics TS4975EIJT Datasheet HTML 18Page - STMicroelectronics TS4975EIJT Datasheet HTML 19Page - STMicroelectronics TS4975EIJT Datasheet HTML 20Page - STMicroelectronics TS4975EIJT Datasheet HTML 21Page - STMicroelectronics TS4975EIJT Datasheet HTML 22Page - STMicroelectronics TS4975EIJT Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
TS4975
Application Information
19/33
All bytes are sent with MSB bit first. The transfer of written data ends with a “stop” message.
When transmitting several data, the data can be written with no need to repeat the “start”
message and slave address.
The slave address of the TS4975 for reading is CD or CF hex. In order to read data from the
TS4975, after the “start” message, the MCU must send and receive the following data:
●
send the I²C address slave byte with a high level for the R/W bit
●
receive the data (control register value)
All bytes are read with MSB bit first. The transfer of read data is ended with “stop” message.
When transmitting several data, the data can be read with no need to repeat the “start”
message and slave address. In this case the value of control register is read repeatedly.
When thermo shutdown or pop and click reduction is active, specific value is read from the
TS4975 (See 4: Application Information on page 18).
Figure 58. I²C write operation
Table 10.
Ouput mode selection: G from -34 dB to + 18dB (by steps of 4dB)(1)
1.
SD = Shutdown Mode
In1 = Audio Input 1
In2= Audio Input2
G = Gain from Audio Input 1and Input 2 to Output1 and Output2
Output Mode #
Headphone Output 1
Headphone Output 2
0SD
SD
1
G x In1
G x In2
2
G x In2
G x In1
3
G x In1
G x In1
4
G x In2
G x In2
5
SD
G x In1
6
SD
G x In2
7G x In1
SD
8G x In2
SD
SDA
S1
1
0
0
A0
0
A
1
1
D7 D6 D5 D4
D2
D3
D0
D1
A
P
Start condition
SLAVE ADDRESS
CONTROL REGISTERS
R/W
Acknowledge
from Slave
Acknowledge
from Slave
Stop condition
Volume Control
settings
Output
Mode settings
Phantom Ground
settings
SDA
S1
1
0
0
A0
0
A
1
1
D7 D6 D5 D4
D2
D3
D0
D1
A
P
S1
1
0
0
A0
0
A
1
1
D7 D6 D5 D4
D2
D3
D0
D1
A
P
Start condition
SLAVE ADDRESS
CONTROL REGISTERS
R/W
R/W
Acknowledge
from Slave
Acknowledge
from Slave
Stop condition
Volume Control
settings
Output
Mode settings
Phantom Ground
settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com