Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4975EIJT Datasheet(PDF) 23 Page - STMicroelectronics

Part # TS4975EIJT
Description  Stereo Headphone Drive Amplifier with Digital Volume Control via IC Bus
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4975EIJT Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TS4975EIJT Datasheet HTML 19Page - STMicroelectronics TS4975EIJT Datasheet HTML 20Page - STMicroelectronics TS4975EIJT Datasheet HTML 21Page - STMicroelectronics TS4975EIJT Datasheet HTML 22Page - STMicroelectronics TS4975EIJT Datasheet HTML 23Page - STMicroelectronics TS4975EIJT Datasheet HTML 24Page - STMicroelectronics TS4975EIJT Datasheet HTML 25Page - STMicroelectronics TS4975EIJT Datasheet HTML 26Page - STMicroelectronics TS4975EIJT Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
TS4975
Application Information
23/33
and its value is:
Note:
This maximum value depends only on power supply voltage and load values.
The efficiency is the ratio between the output power and the power supply:
The maximum theoretical value is reached when Vpeak = Vcc/2, so
Phantom ground configuration:
The average current delivered by the supply voltage is:
Figure 60. Current delivered by supply voltage in phantom ground mode
The power delivered by supply voltage is:
Then, the power dissipation by each amplifier is
and the maximum value is obtained when:
and its value is:
Note:
This maximum value depends only on power supply voltage and load values.
P
diss
MAX
V
CC
2
π
2
R
L
------------- W
()
=
η
P
OUT
P
supply
-------------------
πV
PEAK
2V
CC
---------------------
==
η
π
4
---78.5%
==
Icc
AVG
1
π
---
V
PEAK
R
L
-----------------
t
()
sin
t
d
0
π
∫
2V
PEAK
πR
L
---------------------A
()
==
P
supply
V
CCICC
AVG
W
()
=
P
diss
22VCC
π R
L
---------------------- P
OUT
P
OUT W
()
–
=
P
OUT
∂
∂P
diss
0
=
P
diss
MAX
2V
CC
2
π
2
R
L
---------------W
()
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com