Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4975EIJT Datasheet(PDF) 21 Page - STMicroelectronics

Part # TS4975EIJT
Description  Stereo Headphone Drive Amplifier with Digital Volume Control via IC Bus
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4975EIJT Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TS4975EIJT Datasheet HTML 17Page - STMicroelectronics TS4975EIJT Datasheet HTML 18Page - STMicroelectronics TS4975EIJT Datasheet HTML 19Page - STMicroelectronics TS4975EIJT Datasheet HTML 20Page - STMicroelectronics TS4975EIJT Datasheet HTML 21Page - STMicroelectronics TS4975EIJT Datasheet HTML 22Page - STMicroelectronics TS4975EIJT Datasheet HTML 23Page - STMicroelectronics TS4975EIJT Datasheet HTML 24Page - STMicroelectronics TS4975EIJT Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
TS4975
Application Information
21/33
Table 13.
Stand-by mode I²C condition
Table 14.
I²C control byte states
4.1.3
Acknowledge
The number of data bytes transferred between the start and the stop conditions from the CPU
master to the TS4975 slave is not limited. Each byte of eight bits is followed by one
acknowledge bit.
The TS4975 which is addressed, generates an acknowledge after the reception of each byte
that has been clocked out.
D7
(MSB)
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
X
XXX
D7
(MSB)
D6
D5
D4
D3
D2
D1
D0
1
1
1
1
x
X
X
X
Undefined State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com