Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB17BA1 Datasheet(PDF) 13 Page - Texas Instruments

Part # TSB17BA1
Description  IEEE STD 1394b SINGLE-PORT CABLE TRANSCEIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB17BA1 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TSB17BA1 Datasheet HTML 7Page - Texas Instruments TSB17BA1 Datasheet HTML 8Page - Texas Instruments TSB17BA1 Datasheet HTML 9Page - Texas Instruments TSB17BA1 Datasheet HTML 10Page - Texas Instruments TSB17BA1 Datasheet HTML 11Page - Texas Instruments TSB17BA1 Datasheet HTML 12Page - Texas Instruments TSB17BA1 Datasheet HTML 13Page - Texas Instruments TSB17BA1 Datasheet HTML 14Page - Texas Instruments TSB17BA1 Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
TSB17BA1
IEEE STD 1394b SINGLEPORT CABLE TRANSCEIVER
SLLS568C − JANUARY 2004 − REVISED MARCH 2004
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
1
2
3
6
7
8
4
5
9
10
11
14
15
16
12
13
E_OUT
E_INN
E_INP
VSS33
BETA_OUTP
BETA_OUTN
VDD33
BETA_INP
BETA_INN
PD_SE
TEST0
TEST1
VREG_PD
VONTROL
R1
R0
UTP5_INP
UTP5_INN
VDD18
UTP5_OUTP
UTP5_OUTN
VSS18
TEST3
TEST2
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
R55
49.9
R56
49.9
C25
0.001
µF
C28
0.1
µF
C29
0.1
µF
1.3 V
T1/T1
HB726
R64
1.2 k
U3
TSB17BA1
UTP_TPA2+
UTP_TPA2−
UTP_TPB2+
UTP_TPB2−
Figure 5. Workaround Circuit
This circuit, when used with parts received from Texas Instruments after 2003, should allow the device to reject
in-band noise and crosstalk of at least 20 mVp-p. Alternate connection of the transformer center tap (pin 7) may
provide noise immunity advantages.
The dc offset provided by the workaround circuit reduces the sensitivity of the device to both desired and
undesired signals. This offset method proved successful with a sampling of TSB17BA1 devices (under nominal
conditions) connected by 100m of CAT 5e cable in three segments with jack-to-jack adapter boards.
In some cases it may be possible to cycle system power to all nodes simultaneously after all UTP cables are
connected (that is, terminated) and have ports connect normally. In this configuration the noise levels from
issues 2 and 3 may be reduced by the cable termination. This noise reduction combined with the presence of
a real signal may have enough signal-to-noise difference to allow the system to connect and operate. This
solution may not work for issues 1 and 3 with large amplitude noise environments.
UTP output level issue
problem description
The TSB17BA1 UTP5_OUT output drive level is designed and tested to the same limits that the IEEE Std
1394b-2002 specification table 12−2 provides for the transmit system. Losses in the transformer, PCB,
connector, etc., of a product using the TSB17BA1 may result in degraded UTP transmit levels. These reduced
output levels may not meet the 1394b specification but may still operate satisfactorily.
workaround
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com