Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB17BA1 Datasheet(PDF) 3 Page - Texas Instruments

Part # TSB17BA1
Description  IEEE STD 1394b SINGLE-PORT CABLE TRANSCEIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB17BA1 Datasheet(HTML) 3 Page - Texas Instruments

  TSB17BA1 Datasheet HTML 1Page - Texas Instruments TSB17BA1 Datasheet HTML 2Page - Texas Instruments TSB17BA1 Datasheet HTML 3Page - Texas Instruments TSB17BA1 Datasheet HTML 4Page - Texas Instruments TSB17BA1 Datasheet HTML 5Page - Texas Instruments TSB17BA1 Datasheet HTML 6Page - Texas Instruments TSB17BA1 Datasheet HTML 7Page - Texas Instruments TSB17BA1 Datasheet HTML 8Page - Texas Instruments TSB17BA1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
TSB17BA1
IEEE STD 1394b SINGLEPORT CABLE TRANSCEIVER
SLLS568C − JANUARY 2004 − REVISED MARCH 2004
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
TYPE
NO.
I/O
DESCRIPTION
Test Terminals
E_INN
Test
2
I
Input reserved for future enhancement. Must be grounded for normal operation.
E_INP
Test
3
I
Input reserved for future enhancement. Must be grounded for normal operation.
E_OUT
Test
1
O
Output reserved for future enhancement. May be left unconnected for normal operation.
TEST0
TEST1
TEST2
TEST3
CMOS
11
12
13
14
I
Test control. These inputs are used in the manufacturing test of the TSB17BA1. For normal
use, these terminals must be pulled low to GND.
IEEE Std 1394b PHY Terminals
BETA_INP
BETA_INN
Input from
1394b
PHY
8
9
I
Input of ac-coupling block. These twisted-pair differential-signal terminals connect the
TSB17BA1 BETA_INP to the 1394b PHY TPB+ and BETA_INN to the 1394b PHY TPB−
terminals of the port on the 1394b PHY. Board traces from each pair of positive and
negative differential signal terminals must be kept matched and as short as possible to the
external load resistors and to the 1394b PHY. The transmission lines between the 1394b
PHY and TSB17BA1 must be terminated properly.
BETA_OUTP
BETA_OUTN
Output to
1394b
PHY
5
6
O
Output of 1394b driver block. These twisted-pair differential-signal terminals, connect the
TSB17BA1 BETA_OUTP to the 1394b PHY TPA+ and BETA_OUTN to the 1394b PHY
TPA− terminals of the port on the 1394b PHY. Board traces from each pair of positive and
negative differential signal terminals must be kept matched and as short as possible to the
external load resistors and to the 1394b PHY. The transmission lines between the 1394b
PHY and TSB17BA1 must be terminated properly.
RJ45 Terminals
UTP5_INN
Input from
UTP5
Cable
19
I
Negative differential side of input from the UTP5 cable to the TSB17BA1 termination
network. Connect to network corresponding to RJ45 pin number 6 or RJ45 pin number 8.
UTP5_INP
Input from
UTP5
Cable
20
I
Positive differential side of input from the UTP5 cable to the TSB17BA1 termination
network. Connect to network corresponding to RJ45 pin number 3 or RJ45 pin number 7.
UTP5_OUTN
Output to
UTP5
Cable
16
O
Negative differential side of output from TSB17BA1 to the UTP5 cable termination network.
Connect to network corresponding to RJ45 pin number 2.
UTP5_OUTP
Output to
UTP5
Cable
17
O
Positive differential side of output from TSB17BA1 to the UTP5 cable termination network.
Connect to network corresponding to RJ45 pin number 1.
Power and Ground Terminals
PD_SE
CMOS
10
I/O
Global power down. A high on this terminal turns off all internal circuitry.
R0
Bias
21
−
Current setting resistor. This terminal is connected to a precision external resistance to set
the internal operating currents and the cable-driver output currents. This terminal has a
very low impedance to ground.
R1
Bias
22
I
Current setting resistor (band-gap sense voltage). This terminal is connected to a precision
external resistance to set the internal operating currents and the cable-driver output
currents. A resistance of 6.04 k
Ω, 1% between R0 and R1, is required to meet the 1394b
output-voltage limits.
VCONTROL
23
I/O
Voltage control (reserved). Nominally not connected.
VREG_PD
CMOS
24
I
Power down for voltage regulator. When driven low, the device uses an internal regulator to
generate the required 1.8 V. When driven high, the internal regulator is powered down and
the 1.8 V must be supplied externally to power the 1.8-V circuitry of the device. Nominally
tied low to enable the internal regulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com