Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB17BA1 Datasheet(PDF) 2 Page - Texas Instruments

Part # TSB17BA1
Description  IEEE STD 1394b SINGLE-PORT CABLE TRANSCEIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB17BA1 Datasheet(HTML) 2 Page - Texas Instruments

  TSB17BA1 Datasheet HTML 1Page - Texas Instruments TSB17BA1 Datasheet HTML 2Page - Texas Instruments TSB17BA1 Datasheet HTML 3Page - Texas Instruments TSB17BA1 Datasheet HTML 4Page - Texas Instruments TSB17BA1 Datasheet HTML 5Page - Texas Instruments TSB17BA1 Datasheet HTML 6Page - Texas Instruments TSB17BA1 Datasheet HTML 7Page - Texas Instruments TSB17BA1 Datasheet HTML 8Page - Texas Instruments TSB17BA1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
TSB17BA1
IEEE STD 1394b SINGLEPORT CABLE TRANSCEIVER
SLLS568C − JANUARY 2004 − REVISED MARCH 2004
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
functional block diagram
Equalizer
1394b
Driver
AC
Coupling
Comparator
UTP5
Driver
Power-Up
Control
Voltage
Regulator
UTP5_INx
UTP5
Cable Side
UTP5_OUTx
1394b
PHY Side
BETA_OUTx
BETA_INx
equalizer
The equalizer applies equalization to the signal received from the UTP5 cable to boost SNR to allow sensing
of the data.
1394b driver
This block drives the signal detected and enhanced by the equalizer from the UTP cable to a 1394b PHY port.
ac coupling
This block blocks direct current signals to the comparator. Only ac signals are propagated through this block.
comparator
This block converts 1394b signals from the 1394b PHY into levels capable of driving the UTP5 driver.
UTP5 driver
This block drives signals onto the UTP5 cable.
power-up control
This block provides a signal for the control of the device relative to the state of the supply voltage.
voltage regulator
This block regulates an externally provided 3−3.6 V down to an internally used 1.8 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com