Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2ASMB Datasheet(PDF) 1 Page - Shanghai Yint Electronic Co., Ltd

Part # 2ASMB
Description  SCHOTTKY BARRIER RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

2ASMB Datasheet(HTML) 1 Page - Shanghai Yint Electronic Co., Ltd

  2ASMB Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd 2ASMB Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd 2ASMB Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SCHOTTKY BARRIER RECTIFIERS
Trustworthy
electronic circuit protection
:
2A/SMB Series
www.yint.com.cn
Rev:19.3
1
2A/SMA Series
General Description
Schottky (Schottky) diode is also known as Schottky barrier rectifiers (SBR),) has been in the power supply industry for
25 years, it is a low-power, ultra-high speed semiconductor devices, widely used in switching power supplies, frequency
converters, Driver circuit, such as high frequency, low voltage, high current rectifier diode, continuous current diode,
protection diode, or microwave communication circuit as rectifier diode, small signal detector diode.
Features
●
Surface mount overcurrent protection.
●
Resettable protection is desired
●
Protecting against over-current and over-temperature faults
●
RoHS compliant , lesd-free and halogen free .
Electrical Characteristics
TYPE
I(AV)
VRRM
IFSM
VFM
I RM @ VRRM
Case
Style
@IRM
VFM
I(AV)
TA=25℃
A
V
A
V
A
mA
SS22/SMB
2.0
20
50
0.50
2.0
0.5
SMB/Do-214AA
SS23/ SMB
2.0
30
50
0.55
2.0
0.5
SMB/Do-214AA
SS24/SMB
2.0
40
50
0.55
2.0
0.5
SMB/Do-214AA
SS25/SMB
2.0
50
50
0.70
2.0
0.5
SMB/Do-214AA
SS26/SMB
2.0
60
50
0.70
2.0
0.5
SMB/Do-214AA
SS28/SMB
2.0
80
50
0.85
2.0
0.5
SMB/Do-214AA
SS210/SMB
2.0
100
50
0.85
2.0
0.5
SMB/Do-214AA
*SS215/SMB
2.0
150
50
0.90
2.0
0.5
SMB/Do-214AA
*SS220/SMB
2.0
200
50
0.90
2.0
0.5
SMB/Do-214AA
●
I(AV) ……
Average Forward Rectified Current
●
IRM ……
Maximum Reverse Leakage Current
●
IRRM ……
Repetitive Peak Reverse Current
●
IRSM ……
Maximum Non-repetitive Reverse Peak Current
●
VFM ……
Maximum Forward Voltage
●
VFR ……
Forward Recovery Voltage
●
VRRM ……
Maximum Repetitive Peak Reverse Voltage


Similar Part No. - 2ASMB

ManufacturerPart #DatasheetDescription
logo
Shanghai Yint Electroni...
2ASMA YINT-2ASMA Datasheet
420Kb / 3P
SCHOTTKY BARRIER RECTIFIERS
2ASMA YINT-2ASMA Datasheet
382Kb / 3P
SCHOTTKY BARRIER RECTIFIERS
2ASMA YINT-2ASMA_V01 Datasheet
382Kb / 3P
SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - 2ASMB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRS320T3 ONSEMI-MBRS320T3 Datasheet
51Kb / 4P
SCHOTTKY BARRIER RECTIFIERS
October, 2000 ??Rev. 3
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Comchip Technology
SR5A20-G COMCHIP-SR5A20-G Datasheet
51Kb / 2P
Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SB1520 DIOTEC-SB1520 Datasheet
95Kb / 2P
Schottky Barrier Rectifiers
logo
Pan Jit International I...
SB120E PANJIT-SB120E Datasheet
120Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB120S PANJIT-SB120S_04 Datasheet
38Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1020CT PANJIT-SB1020CT_05 Datasheet
427Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1620CT PANJIT-SB1620CT_05 Datasheet
86Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com