Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54AC16640 Datasheet(PDF) 4 Page - Texas Instruments

Part # 54AC16640
Description  16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

54AC16640 Datasheet(HTML) 4 Page - Texas Instruments

  54AC16640 Datasheet HTML 1Page - Texas Instruments 54AC16640 Datasheet HTML 2Page - Texas Instruments 54AC16640 Datasheet HTML 3Page - Texas Instruments 54AC16640 Datasheet HTML 4Page - Texas Instruments 54AC16640 Datasheet HTML 5Page - Texas Instruments 54AC16640 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
54AC16640, 74AC16640
16-BIT BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCAS240A – JULY 1990 – REVISED APRIL 1996
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
54AC16640
74AC16640
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
3 V
2.9
2.9
2.9
IOH = –50 µA
4.5 V
4.4
4.4
4.4
5.5 V
5.4
5.4
5.4
VOH
IOH = –4 mA
3 V
2.58
2.48
2.48
V
I24
A
4.5 V
3.94
3.8
3.8
IOH = –24 mA
5.5 V
4.94
4.8
4.8
IOH = –75 mA†
5.5 V
3.85
3.85
3 V
0.1
0.1
0.1
IOL = 50 µA
4.5 V
0.1
0.1
0.1
5.5 V
0.1
0.1
0.1
VOL
IOL = 12 mA
3 V
0.36
0.44
0.44
V
IOL =24mA
4.5 V
0.36
0.44
0.44
IOL = 24 mA
5.5 V
0.36
0.44
0.44
IOL = 75 mA†
5.5 V
1.65
1.65
II
Control inputs
VI = VCC or GND
5.5 V
±0.1
±1
±1
µA
IOZ‡
A or B ports
VO = VCC or GND
5.5 V
±0.5
±5
±5
µA
ICC
VI = VCC or GND,
IO = 0
5.5 V
8
80
80
µA
Ci
Control inputs
VI = VCC or GND
5 V
4.5
pF
Cio
A or B ports
VO = VCC or GND
5 V
16
pF
† Not more than one output should be tested at a time, and the duration of the test should not exceed 10 ms.
‡ For I/O ports, the parameter IOZ includes the input leakage current.
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
54AC16640
74AC16640
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
AorB
BorA
2.2
6.9
9.1
2.2
10
2.2
10
ns
tPHL
A or B
B or A
3
8.5
11
3
11.9
3
11.9
ns
tPZH
OE
AorB
3
8.2
11
3
12.3
3
12.3
ns
tPZL
OE
A or B
3.9
10.9
14
3.9
15.5
3.9
15.5
ns
tPHZ
OE
AorB
5.1
8.3
10.6
5.1
11.2
5.1
11.2
ns
tPLZ
OE
A or B
4.3
7.8
10.1
4.3
10.6
4.3
10.6
ns
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
54AC16640
74AC16640
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
AorB
BorA
1.8
4.7
1.8
7.3
1.8
7.3
ns
tPHL
A or B
B or A
2.6
5.7
2.6
8.6
2.6
8.6
ns
tPZH
OE
AorB
2.4
5.6
2.4
8
2.4
8
ns
tPZL
OE
A or B
3
6.6
3
9.9
3
9.9
ns
tPHZ
OE
AorB
5
7.5
5
9.9
5
9.9
ns
tPLZ
OE
A or B
4.1
6.5
4.1
9
4.1
9
ns
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com