Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54AC16640 Datasheet(PDF) 1 Page - Texas Instruments

Part # 54AC16640
Description  16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

54AC16640 Datasheet(HTML) 1 Page - Texas Instruments

  54AC16640 Datasheet HTML 1Page - Texas Instruments 54AC16640 Datasheet HTML 2Page - Texas Instruments 54AC16640 Datasheet HTML 3Page - Texas Instruments 54AC16640 Datasheet HTML 4Page - Texas Instruments 54AC16640 Datasheet HTML 5Page - Texas Instruments 54AC16640 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
54AC16640, 74AC16640
16-BIT BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCAS240A – JULY 1990 – REVISED APRIL 1996
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Members of the Texas Instruments
Widebus
™ Family
D Flow-Through Architecture Optimizes
PCB Layout
D Distributed VCC and GND Pin Configuration
Minimizes High-Speed Switching Noise
D EPIC™ (Enhanced-Performance Implanted
CMOS) 1-
µm Process
D 500-mA Typical Latch-Up Immunity at
125
°C
D Package Options Include Plastic 300-mil
Shrink Small-Outline (DL) Packages Using
25-mil Center-to-Center Pin Spacings and
380-mil Fine-Pitch Ceramic Flat (WD)
Packages Using 25-mil Center-to-Center
Pin Spacings
description
The ’AC16640 are inverting 16-bit transceivers
designed
for
asynchronous
communication
between data buses.
These devices can be used as two 8-bit
transceivers or one 16-bit transceiver. They allow
data transmission from the A bus to the B bus or
from the B bus to the A bus, depending on the logic
level at the direction-control (1DIR and 2DIR)
inputs. The output-enable (1OE and 2OE) inputs
can be used to disable the device so that the
buses are effectively isolated.
The 74AC16640 is packaged in TI’s shrink small-outline package, which provides twice the I/O pin count and
functionality of standard small-outline packages in the same printed-circuit-board area.
The 54AC16640 is characterized for operation over the full military temperature range of –55
°C to 125°C. The
74AC16640 is characterized for operation from –40
°C to 85°C.
FUNCTION TABLE
(each section)
INPUTS
OPERATION
OE
DIR
OPERATION
L
L
B data to A bus
L
HA data to B bus
H
X
Isolation
Copyright
© 1996, Texas Instruments Incorporated
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
EPIC and Widebus are trademarks of Texas Instruments Incorporated.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1DIR
1B1
1B2
GND
1B3
1B4
VCC
1B5
1B6
GND
1B7
1B8
2B1
2B2
GND
2B3
2B4
VCC
2B5
2B6
GND
2B7
2B8
2DIR
1OE
1A1
1A2
GND
1A3
1A4
VCC
1A5
1A6
GND
1A7
1A8
2A1
2A2
GND
2A3
2A4
VCC
2A5
2A6
GND
2A7
2A8
2OE
54AC16640 . . . WD PACKAGE
74AC16640 . . . DL PACKAGE
(TOP VIEW)


Similar Part No. - 54AC16640

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54AC16640 TI1-54AC16640 Datasheet
131Kb / 6P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54AC16640WD TI1-54AC16640WD Datasheet
131Kb / 6P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54AC16640 TI1-54AC16640_09 Datasheet
131Kb / 6P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - 54AC16640

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54AC16245 TI-54AC16245 Datasheet
118Kb / 6P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT162245 TI-SN54ABT162245 Datasheet
107Kb / 11P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16245A TI-SN54ABT16245A Datasheet
183Kb / 13P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16640 TI-SN54ABT16640 Datasheet
112Kb / 7P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AHCT16245 TI-SN54AHCT16245 Datasheet
101Kb / 6P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABTH16245 TI-SN54ABTH16245 Datasheet
203Kb / 12P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16623 TI-SN54ABT16623_08 Datasheet
315Kb / 10P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16640 TI-SN54ABT16640_08 Datasheet
373Kb / 13P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16623 TI-54ACT16623_08 Datasheet
302Kb / 9P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
RD74LVC16245B RENESAS-RD74LVC16245B_15 Datasheet
112Kb / 10P
16-bit Bus Transceivers with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com