Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54AC16640 Datasheet(PDF) 5 Page - Texas Instruments

Part # 54AC16640
Description  16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

54AC16640 Datasheet(HTML) 5 Page - Texas Instruments

  54AC16640 Datasheet HTML 1Page - Texas Instruments 54AC16640 Datasheet HTML 2Page - Texas Instruments 54AC16640 Datasheet HTML 3Page - Texas Instruments 54AC16640 Datasheet HTML 4Page - Texas Instruments 54AC16640 Datasheet HTML 5Page - Texas Instruments 54AC16640 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
54AC16640, 74AC16640
16-BIT BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCAS240A – JULY 1990 – REVISED APRIL 1996
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
C d
Power dissipation capacitance per transceiver
Outputs enabled
CL =50 pF
f=1MHz
55
pF
Cpd
Power dissipation capacitance per transceiver
Outputs disabled
CL = 50 pF,
f = 1 MHz
8
pF
PARAMETER MEASUREMENT INFORMATION
50% VCC
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
50%
50%
VCC
0 V
50% VCC
50% VCC
Input
Out-of-Phase
Output
In-Phase
Output
50% VCC
VOLTAGE WAVEFORMS
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
S1
2
× VCC
500
Ω
500
Ω
Output
Control
(low-level
enabling)
Output
Waveform 1
S1 at 2
× VCC
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
50%
50%
[ VCC
0 V
50% VCC
20% VCC
50% VCC
80% VCC
[ 0 V
VCC
GND
Open
VOLTAGE WAVEFORMS
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open
2
× VCC
GND
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 1 MHz, ZO = 50 Ω, tr = 3 ns, tf = 3 ns.
D. The outputs are measured one at a time with one input transition per measurement.
Figure 1. Load Circuit and Voltage Waveform



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com