Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA-2214ZGS Datasheet(PDF) 3 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # KA-2214ZGS
Description  2.2 x 1.4 mm Surface Mount LED Lamp
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

KA-2214ZGS Datasheet(HTML) 3 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  KA-2214ZGS Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. KA-2214ZGS Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. KA-2214ZGS Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. KA-2214ZGS Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2019 Kingbright. All Rights Reserved. Spec No: DSAK0922 / 1201005951 Rev No: V.8B Date: 01/04/2019
Page 3 / 4
0.5
0.5
0.0
-90°
-75°
-60°
-45°
-30°
-15°
75°
60°
45°
30°
0°
15°
90°
1.0
1.0
Ta = 25 °C
0
10
20
30
40
50
2.0
2.5
3.0
3.5
4.0
4.5
Ta = 25 °C
Forward voltage (V)
0.0
0.5
1.0
1.5
2.0
2.5
0
1020
3040
50
Ta = 25 °C
Forward current (mA)
0
10
20
30
40
50
-40 -20
0
20 406080 100
Ambient temperature (°C)
0.0
0.5
1.0
1.5
2.0
2.5
-40 -20
0
204060 80 100
Ambient temperature (°C)
0%
20%
40%
60%
80%
100%
350
400
450
500
550
600
650
700
750
800
Ta = 25 °C
Green
Wavelength (nm)
TECHNICAL DATA
RELATIVE INTENSITY vs. WAVELENGTH
GREEN
TAPE SPECIFICATIONS (units : mm)
REEL DIMENSION (units : mm)
REFLOW SOLDERING PROFILE for LEAD-FREE SMD PROCESS
SPATIAL DISTRIBUTION
KA-2214ZGS
Forward Current vs.
Forward Voltage
Luminous Intensity vs.
Forward Current
Forward Current Derating Curve
Luminous Intensity vs.
Ambient Temperature
Notes:
1. Don't cause stress to the LEDs while it is exposed to high temperature.
2. The maximum number of reflow soldering passes is 2 times.
3. Reflow soldering is recommended. Other soldering methods are not recommended as they might
cause damage to the product.
Kingbright



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com