Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA-2214ZGS Datasheet(PDF) 4 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # KA-2214ZGS
Description  2.2 x 1.4 mm Surface Mount LED Lamp
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

KA-2214ZGS Datasheet(HTML) 4 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  KA-2214ZGS Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. KA-2214ZGS Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. KA-2214ZGS Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. KA-2214ZGS Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© 2019 Kingbright. All Rights Reserved. Spec No: DSAK0922 / 1201005951 Rev No: V.8B Date: 01/04/2019
Page 4 / 4
PACKING & LABEL SPECIFICATIONS
HANDLING PRECAUTIONS
Compare to epoxy encapsulant that is hard and brittle, silicone is softer and flexible. Although its characteristic significantly reduces thermal stress, it is
more susceptible to damage by external mechanical force. As a result, special handling precautions need to be observed during assembly using silicone
encapsulated LED products. Failure to comply might lead to damage and premature failure of the LED.
2. Do not directly touch or handle the silicone lens
surface. It may damage the internal circuitry.
1. Handle the component along the
side surfaces by using forceps or
appropriate tools.
4-1. The inner diameter of the SMD pickup nozzle should not exceed the size of the LED to prevent air leaks.
4-2. A pliable material is suggested for the nozzle tip to avoid scratching or damaging the LED surface during pickup.
4-3. The dimensions of the component must be accurately programmed in the pick-and-place machine to insure
precise pickup and avoid damage during production.
5. As silicone encapsulation is permeable to gases, some corrosive substances such as H2S might corrode silver
plating of leadframe. Special care should be taken if an LED with silicone encapsulation is to be used near such
substances.
3. Do not stack together assembled
PCBs containing exposed LEDs.
Impact may scratch the silicone lens
or damage the internal circuitry.
PRECAUTIONARY NOTES
1. The information included in this document reflects representative usage scenarios and is intended for technical reference only.
2. The part number, type, and specifications mentioned in this document are subject to future change and improvement without notice. Before production usage customer should refer to
the latest datasheet for the updated specifications.
3. When using the products referenced in this document, please make sure the product is being operated within the environmental and electrical limits specified in the datasheet. If
customer usage exceeds the specified limits, Kingbright will not be responsible for any subsequent issues.
4. The information in this document applies to typical usage in consumer electronics applications. If customer's application has special reliability requirements or have life-threatening
liabilities, such as automotive or medical usage, please consult with Kingbright representative for further assistance.
5. The contents and information of this document may not be reproduced or re-transmitted without permission by Kingbright.
6. All design applications should refer to Kingbright application notes available at https://www.Kingbright.com/application_notes
KA-2214ZGS
Kingbright



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com