Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA-2214ZGS Datasheet(PDF) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # KA-2214ZGS
Description  2.2 x 1.4 mm Surface Mount LED Lamp
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

KA-2214ZGS Datasheet(HTML) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  KA-2214ZGS Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. KA-2214ZGS Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. KA-2214ZGS Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. KA-2214ZGS Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2019 Kingbright. All Rights Reserved. Spec No: DSAK0922 / 1201005951 Rev No: V.8B Date: 01/04/2019
Page 1 / 4
DESCRIPTIONS
The Green source color devices are made with InGaN
on Sapphire Light Emitting Diode
Electrostatic discharge and power surge could
damage the LEDs
It is recommended to use a wrist band or
anti-electrostatic glove when handling the LEDs
All devices, equipments and machineries must be
electrically grounded
FEATURES
2.2 mm x 1.4 mm, 1.3 mm high
Low power consumption
Available on tape and reel
Package: 2000 pcs / reel
Moisture sensitivity level: 3
RoHS compliant
APPLICATIONS
Backlight
Status indicator
Home and smart appliances
Wearable and portable devices
Healthcare applications
ATTENTION
Observe precautions for handling
electrostatic discharge sensitive devices
PACKAGE DIMENSIONS
SELECTION GUIDE
KA-2214ZGS
2.2 x 1.4 mm Surface Mount LED Lamp
RECOMMENDED SOLDERING PATTERN
(units : mm; tolerance : ± 0.1)
Part Number
Emitting Color
(Material)
Lens Type
Iv (mcd) @ 20mA [2]
Viewing Angle [1]
Min.
Typ.
2θ1/2
KA-2214ZGS
■ Green (InGaN)
Water Clear
500
900
120
°
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 of the optical peak value.
2. Luminous intensity / luminous flux: +/-15%.
3. Luminous intensity value is traceable to CIE127-2007 standards.
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.2(0.008") unless otherwise noted.
3. The specifications, characteristics and technical data described in the datasheet are subject to
change without prior notice.
4. The device has a single mounting surface. The device must be mounted according to the specifications.
Kingbright
香港至恩科技有限公司    
www.to-grace.com
公司授权代理销售LITE-ON:光耦,贴片LED灯等
进口原装,现货供应,价格优势,技术支持
电话:0755-83464948 传真:0755-83464076


Similar Part No. - KA-2214ZGS

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
KA-2214ZGS KINGBRIGHT-KA-2214ZGS Datasheet
3Mb / 19P
Optoelectronic Components
More results

Similar Description - KA-2214ZGS

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AA2214QBS-D KINGBRIGHT-AA2214QBS-D Datasheet
297Kb / 4P
2.2 x 1.4 mm Surface Mount LED Lamp
AA2214SURSK-AMT KINGBRIGHT-AA2214SURSK-AMT Datasheet
326Kb / 5P
2.2 x 1.4 mm Surface Mount LED Lamp
AA2214SYSK-AMT KINGBRIGHT-AA2214SYSK-AMT Datasheet
327Kb / 5P
2.2 x 1.4 mm Surface Mount LED Lamp
logo
HK TO-GRACE TECHNOLOGY ...
AA2214QBS-D TO-GRACE-AA2214QBS-D Datasheet
873Kb / 4P
2.2 x 1.4 mm Surface Mount LED Lamp
AA2214QBS-D-AMT TO-GRACE-AA2214QBS-D-AMT Datasheet
952Kb / 5P
2.2 x 1.4 mm Surface Mount LED Lamp
AA2214QWS-D-AMT TO-GRACE-AA2214QWS-D-AMT Datasheet
484Kb / 6P
2.2 x 1.4 mm Surface Mount LED Lamp
AA2214SESK TO-GRACE-AA2214SESK Datasheet
401Kb / 4P
2.2 x 1.4 mm Surface Mount LED Lamp
AA2214VR4D1S-C1 TO-GRACE-AA2214VR4D1S-C1 Datasheet
428Kb / 5P
2.2 x 1.4 mm Surface Mount LED Lamp
AA2214QWS-D TO-GRACE-AA2214QWS-D Datasheet
424Kb / 5P
2.2 x 1.4 mm Surface Mount LED Lamp
KA-2214QBS-D TO-GRACE-KA-2214QBS-D Datasheet
881Kb / 4P
2.2 x 1.4 mm Surface Mount LED Lamp
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com