Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMF Datasheet(PDF) 1 Page - Shanghai Yint Electronic Co., Ltd

Part # SMF
Description  SMF Transient Voltage Suppressor Diode Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

SMF Datasheet(HTML) 1 Page - Shanghai Yint Electronic Co., Ltd

  SMF Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd SMF Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd SMF Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd SMF Datasheet HTML 4Page - Shanghai Yint Electronic Co., Ltd SMF Datasheet HTML 5Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Transient Voltage Suppression Diodes
Trustworthy electronic circuit protection expert
SMF Series
www.yint.com.cn
Rev:19.3
1
SMF Transient Voltage Suppressor Diode Series
General Information
The SMF series is designed specifically to protect sensitive electronic equipment
from voltage transients induced by lightning and other transient voltage events.
They have excellent clamping capability, high surge capability, low zener impedance
and fast response time. The SMF series is supplied in YINT Semiconductor ’ s
exclusive, cost-effective, highly reliable and is ideally suited for use in
communication systems, automotive, numerical controls , process controls, medical
equipment, business machines, power supplies and many other industrial/consumer
Applications.
Features
●
Case: SOD-123FL
●
Low profile maximum height of 1.1mm.
●
For surface mounted applications in order to optimize board space.
●
Polarity: Color band denoted positive end (cathode) except Bidirectional.
●
Typical failure mode is short from over-specified voltage or current
●
Fast response time: typically less than 1.0ps from 0 Volts to VB min.
●
High Temperature soldering:260°C/40 seconds at terminals.
Typical Applications
Use in sensitive electronics protection
against voltage transients induced by
inductive load switching and lighting on
ICs, MOSFET, signal lines of sensor
units for consumer, computer, industrial,
automotive, and telecommunication.
Electrical Characteristics (@ TA = 25°C Unless Otherwise Noted)
Parameter
Symbol
Value
Unit
Minimum Peak Pulse Power Dissipation (T = 1 ms) (note 1)
PPK
200
Watts
Thermal Resistance Junction- to- Ambient
RTHJ-A
220
°C/W
Thermal Resistance Junction- to- Lead
RTHJ-L
100
°C/W
Operating Temperature Range
TJ
-55 to +150
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Notes:
1. Non-repetitive current pulse, per Fig. 4 and derated above TA=25℃ per Fig. 3.
Molded plastic
glass passivated junction.


Similar Part No. - SMF

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SMF PACELEADER-SMF Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Goodwork Semiconductor ...
SMF GWSEMI-SMF Datasheet
246Kb / 4P
200 WATT SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Jiangsu High diode Semi...
SMF HDSEMI-SMF Datasheet
1Mb / 5P
SOD 123FL Plastic-Encapsulate Diodes
logo
Littelfuse
SMF LITTELFUSE-SMF Datasheet
928Kb / 6P
The SMF series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
logo
Sanyou Corporation Limi...
SMF SANYOU-SMF Datasheet
92Kb / 3P
Miniature Power Relay
More results

Similar Description - SMF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CD214C BOURNS-CD214C_08 Datasheet
224Kb / 5P
Transient Voltage Suppressor Diode Series
CD214B BOURNS-CD214B_08 Datasheet
231Kb / 5P
Transient Voltage Suppressor Diode Series
SMCJ50CA BOURNS-SMCJ50CA_13 Datasheet
352Kb / 5P
Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_10 Datasheet
148Kb / 5P
Transient Voltage Suppressor Diode Series
SMAJ5.0CA-H BOURNS-SMAJ5.0CA-H Datasheet
282Kb / 5P
Transient Voltage Suppressor Diode Series
P6SMB6.8CA-H BOURNS-P6SMB6.8CA-H Datasheet
329Kb / 5P
Transient Voltage Suppressor Diode Series
P6SMB BOURNS-P6SMB Datasheet
329Kb / 5P
Transient Voltage Suppressor Diode Series
SMAJ BOURNS-SMAJ Datasheet
282Kb / 5P
Transient Voltage Suppressor Diode Series
SMBJ BOURNS-SMBJ Datasheet
282Kb / 5P
Transient Voltage Suppressor Diode Series
SMAJ-Q BOURNS-SMAJ-Q Datasheet
350Kb / 5P
Transient Voltage Suppressor Diode Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com