Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMF Datasheet(PDF) 2 Page - Shanghai Yint Electronic Co., Ltd

Part # SMF
Description  SMF Transient Voltage Suppressor Diode Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

SMF Datasheet(HTML) 2 Page - Shanghai Yint Electronic Co., Ltd

  SMF Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd SMF Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd SMF Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd SMF Datasheet HTML 4Page - Shanghai Yint Electronic Co., Ltd SMF Datasheet HTML 5Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Transient Voltage Suppression Diodes
Trustworthy electronic circuit protection expert
SMF Series
www.yint.com.cn
Rev:19.3
2
Electrical Characteristics
Part
Number
(Bi)
Part
Number
(Uni)
Device
Marking
Code
Reverse
Stand off
Voltage VR
(Volts)
Breakdown
Voltage VBR
(Volts)@IT
Test
Current
IT(mA)
Maximum
Reverse
Leakage IR
@ VR(μA)
Maximum
Peak Pulse
Current Ipp
(A)
Maximum
Clamping
Voltage VC
@ I pp(V)
BI
UNI
Min .V
Max .V
SMF5.0CA
SMF5.0A
5.0CA
5.0A
5.0
6.40
7.00
10
400
21.70
9.2
SMF6.0CA
SMF6.0A
6.0CA
6.0A
6.0
6.67
7.37
10
400
19.40
10.3
SMF6.5CA
SMF6.5A
6.5CA
6.5A
6.5
7.22
7.98
10
250
17.90
11.2
SMF7.0CA
SMF7.0A
7.0CA
7.0A
7.0
7.78
8.60
10
100
16.70
12.0
SMF7.5CA
SMF7.5A
7.5CA
7.5A
7.5
8.33
9.21
1.0
50
15.50
12.9
SMF8.0CA
SMF8.0A
8.0CA
8.0A
8.0
8.89
9.83
1.0
25
14.70
13.6
SMF8.5CA
SMF8.5 A
8.5CA
8.5A
8.5
9.44
10.4
1.0
10
13.90
14.4
SMF9.0CA
SMF9.0 A
9.0CA
9.0A
9
10.0
11.1
1.0
5.0
13.00
15.4
SMF10CA
SMF10A
10CA
10A
10
11.1
12.3
1.0
2.0
11.80
17.0
SMF11CA
SMF11A
11CA
11A
11
12.2
13.5
1.0
2.0
11.00
18.2
SMF12CA
SMF12A
12CA
12A
12
13.3
14.7
1.0
2.0
10.10
19.9
SMF13CA
SMF13A
13CA
13A
13
14.4
15.9
1.0
1.0
9.30
21.5
SMF14CA
SMF14A
14CA
14A
14
15.6
17.2
1.0
1.0
8.62
23.2
SMF15CA
SMF15A
15CA
15A
15
16.7
18.5
1.0
1.0
8.20
24.4
SMF16CA
SMF16A
16CA
16A
16
17.8
19.7
1.0
1.0
7.69
26.0
SMF17CA
SMF17A
17CA
17A
17
18.9
20.9
1.0
1.0
7.25
27.6
SMF18CA
SMF18A
18CA
18A
18
20.0
22.1
1.0
1.0
6.85
29.2
SMF19CA
SMF19A
19CA
19A
19
21.0
23.3
1.0
1.0
6.54
30.6
SMF20CA
SMF20A
20CA
20A
20
22.2
24.5
1.0
1.0
6.17
32.4
SMF22CA
SMF22A
22CA
22A
22
24.4
26.9
1.0
1.0
5.63
35.5
SMF24CA
SMF24A
24CA
24A
24
26.7
29.5
1.0
1.0
5.14
38.9
SMF26CA
SMF26A
26CA
26A
26
28.9
31.9
1.0
1.0
4.75
42.1
SMF28CA
SMF28A
28CA
28A
28
31.1
34.4
1.0
1.0
4.41
45.4
SMF30CA
SMF30A
30CA
30A
30
33.3
36.8
1.0
1.0
4.13
48.4
SMF33CA
SMF33A
33CA
33A
33
36.7
40.6
1.0
1.0
3.75
53.3
SMF36CA
SMF36A
36CA
36A
36
40.0
44.2
1.0
1.0
3.44
58.1
SMF40CA
SMF40A
40CA
40A
40
44.4
49.1
1.0
1.0
3.10
64.5
SMF43CA
SMF43A
43CA
43A
43
47.8
52.8
1.0
1.0
2.88
69.4
SMF45CA
SMF45A
45CA
45A
45
50.0
55.3
1.0
1.0
2.75
72.7
SMF48CA
SMF48A
48CA
48A
48
53.3
58.9
1.0
1.0
2.58
77.4
SMF51CA
SMF51A
51CA
51A
51
56.7
62.7
1.0
1.0
2.43
82.4
SMF54CA
SMF54A
54CA
54A
54
60.0
66.3
1.0
1.0
2.30
87.1
SMF58CA
SMF58A
58CA
58A
58
64.4
71.2
1.0
1.0
2.14
93.6
SMF60CA
SMF60A
60CA
60A
60
66.7
73.7
1.0
1.0
2.07
96.8
SMF64CA
SMF64A
64CA
64A
64
71.1
78.6
1.0
1.0
1.94
103
SMF70CA
SMF70A
70CA
70A
70
77.8
86.0
1.0
1.0
1.77
113
SMF75CA
SMF75A
75CA
75A
75
83.3
92.1
1.0
1.0
1.65
121



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com