Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMF Datasheet(PDF) 3 Page - Shanghai Yint Electronic Co., Ltd

Part # SMF
Description  SMF Transient Voltage Suppressor Diode Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

SMF Datasheet(HTML) 3 Page - Shanghai Yint Electronic Co., Ltd

  SMF Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd SMF Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd SMF Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd SMF Datasheet HTML 4Page - Shanghai Yint Electronic Co., Ltd SMF Datasheet HTML 5Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Transient Voltage Suppression Diodes
Trustworthy electronic circuit protection expert
SMF Series
www.yint.com.cn
Rev:19.3
3
Part
Number
(Bi)
Part
Number
(Uni)
Device
Marking
Code
Reverse
Stand off
Voltage VR
(Volts)
Breakdown
Voltage VBR
(Volts)@IT
Test
Curren
t
IT(mA)
Maximum
Reverse
Leakage IR
@ VR(μA)
Maximum
Peak Pulse
Current I pp
(A)
Maximum
Clamping
Voltage VC
@I pp(V)
BI
UNI
Min .V
Max.V
SMF78CA
SMF78A
78CA
78A
78
86.7
95.8
1.0
1.0
1.59
126
SMF80CA
SMF80A
80CA
80A
80
88.8
97.6
1.0
1.0
1.55
129
SMF85CA
SMF85A
85CA
85A
85
94.4
104
1.0
1.0
1.46
137
SMF90CA
SMF90A
90CA
90A
90
100
111
1.0
1.0
1.37
146
SMF100CA
SMF100A
100CA
100A
100
111
123
1.0
1.0
1.23
162
SMF110CA
SMF110A
110CA
110A
110
122
135
1.0
1.0
1.13
177
SMF120CA
SMF120A
120CA
120A
120
133
147
1.0
1.0
1.04
193
SMF130CA
SMF130A
130CA
130A
130
144
159
1.0
1.0
0.96
209
SMF140CA
SMF140A
140CA
140A
140
155
171
1.0
1.0
0.89
224
SMF150CA
SMF150A
150CA
150A
150
167
185
1.0
1.0
0.82
243
SMF160CA
SMF160A
160CA
160A
160
178
197
1.0
1.0
0.77
259
SMF170CA
SMF170A
170CA
170A
170
189
209
1.0
1.0
0.73
275
SMF180CA
SMF180A
180CA
180A
180
200
220
1.0
1.0
0.69
290
I-V Curve Characteristics
Symbol
Parameter
IPP
Maximum Reverse Peak Pulse Current
VC
Clamping Voltage @ IPP
V RWM
Working Peak Reverse Voltage
I R
Maximum Reverse Leakage Current @V RWM
V BR
Breakdown Voltage @ IT
IT
Test Current
Uni-directional
Bi-directional



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com