Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSB560 Datasheet(PDF) 1 Page - ON Semiconductor

Part # FSB560
Description  PN Low-Saturation Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSB560 Datasheet(HTML) 1 Page - ON Semiconductor

  FSB560 Datasheet HTML 1Page - ON Semiconductor FSB560 Datasheet HTML 2Page - ON Semiconductor FSB560 Datasheet HTML 3Page - ON Semiconductor FSB560 Datasheet HTML 4Page - ON Semiconductor FSB560 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Publication Order Number:
FSB560A/D
© 2001
Semiconductor Components Industries, LLC.
December-2017, Rev. 2
FSB560 / FSB560A
NPN Low-Saturation Transistor
Features
• These devices are designed with high-current gain and low-saturation
voltage with collector currents up to 2 A continuous.
Ordering Information
Absolute Maximum Ratings(1),(2)
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only. Values are at TA = 25°C unless otherwise noted.
Notes:
1. These ratings are based on a maximum junction temperature of 150°C.
2. These are steady-state limits. ON Semiconductor should be consulted on applications involving pulsed or low-
duty-cycle operations.
Part Number
Marking
Package
Packing Method
FSB560
560
SSOT 3L
Tape and Reel
FSB560A
560A
SSOT 3L
Tape and Reel
Symbol
Parameter
Value
Unit
VCEO
Collector-Emitter Voltage
60
V
VCBO
Collector-Base Voltage
80
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current - Continuous
2
A
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +150
°C
B
E
C
SuperSOTTM-3 (SOT-23)


Similar Part No. - FSB560

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSB560 FAIRCHILD-FSB560 Datasheet
208Kb / 7P
NPN Low Saturation Transistor
FSB560 FAIRCHILD-FSB560 Datasheet
43Kb / 4P
NPN Low Saturation Transistor
FSB560A FAIRCHILD-FSB560A Datasheet
208Kb / 7P
NPN Low Saturation Transistor
FSB560A FAIRCHILD-FSB560A Datasheet
43Kb / 4P
NPN Low Saturation Transistor
FSB560 FAIRCHILD-FSB560_01 Datasheet
43Kb / 4P
NPN Low Saturation Transistor
More results

Similar Description - FSB560

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMBS549 FAIRCHILD-FMBS549 Datasheet
204Kb / 6P
PNP Low Saturation Transistor
FPN660 FAIRCHILD-FPN660 Datasheet
57Kb / 5P
PNP Low Saturation Transistor
FSB660 FAIRCHILD-FSB660 Datasheet
223Kb / 7P
PNP Low Saturation Transistor
FZT749 FAIRCHILD-FZT749 Datasheet
27Kb / 2P
PNP Low Saturation Transistor
NZD560A FAIRCHILD-NZD560A Datasheet
65Kb / 6P
NPN Low Saturation Transistor
NZT902 FAIRCHILD-NZT902 Datasheet
204Kb / 5P
NPN Low Saturation Transistor
FMBS549 FAIRCHILD-FMBS549_06 Datasheet
178Kb / 5P
PNP Low Saturation Transistor
FMMT549 FAIRCHILD-FMMT549_06 Datasheet
151Kb / 5P
PNP Low Saturation Transistor
FSB660 FAIRCHILD-FSB660_01 Datasheet
54Kb / 4P
PNP Low Saturation Transistor
NZT560A FAIRCHILD-NZT560A_09 Datasheet
182Kb / 5P
NPN Low Saturation Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com