Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSB560 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FSB560
Description  PN Low-Saturation Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSB560 Datasheet(HTML) 2 Page - ON Semiconductor

  FSB560 Datasheet HTML 1Page - ON Semiconductor FSB560 Datasheet HTML 2Page - ON Semiconductor FSB560 Datasheet HTML 3Page - ON Semiconductor FSB560 Datasheet HTML 4Page - ON Semiconductor FSB560 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.onsemi.com
2
Thermal Characteristics(3)
Values are at TA = 25°C unless otherwise noted.
Note:
3. PCB size: FR-4, 76 mm x 114 mm x 1.57 mm (3.0 inch x 4.5 inch x 0.062 inch) with minimum land pattern size.
Electrical Characteristics
Values are at TA = 25°C unless otherwise noted.
Note:
4. Pulse test: pulse width ≤ 300
μs, duty cycle ≤ 2.0%
Symbol
Parameter
Max.
Unit
PD
Total Device Dissipation
500
mW
Derate Above 25°C
4
mW/°C
RθJA
Thermal Resistance, Junction-to-Ambient
250
°C/W
Symbol
Parameter
Conditions
Min.
Max.
Unit
BVCEO
Collector-Emitter Breakdown Voltage IC = 10 mA, IB = 0
60
V
BVCBO
Collector-Base Breakdown Voltage
IC = 100 μA, IE = 0
80
V
BVEBO
Emitter-Base Breakdown Voltage
IE = 100 μA, IC = 0
5
V
ICBO
Collector Cut-Off Current
VCB = 30 V, IE = 0
100
nA
VCB = 30 V, IE = 0, TA = 100°C
10
μA
IEBO
Emitter Cut-Off Current
VEB = 4 V, IC = 0
100
nA
hFE
DC Current Gain(4)
IC = 100 mA, VCE = 2 V
70
IC = 500 mA, VCE = 2 V
FSB560
100
300
FSB560A
250
550
IC = 1 A, VCE = 2 V
80
IC = 2 A, VCE = 2 V
40
VCE(sat)
Collector-Emitter Saturation
Voltage(4)
IC = 1 A, IB = 100 mA
300
mV
IC = 2 A, IB = 200 mA
FSB560
350
FSB560A
300
VBE(sat)
Base-Emitter Saturation Voltage(4)
IC = 1 A, IB = 100 mA
1.25
V
VBE(on)
Base-Emitter On Voltage(4)
IC = 1 A, VCE = 2 V
1
V
Cobo
Output Capacitance
VCB = 10 V, IE = 0, f = 1.0 MHz
30
pF
fT
Transition Frequency
IC = 100 mA, VCE = 5 V,
f = 100 MHz
75
MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com